công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 574 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 574 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 570Page - Renesas Technology Corp H8S/2472 Datasheet HTML 571Page - Renesas Technology Corp H8S/2472 Datasheet HTML 572Page - Renesas Technology Corp H8S/2472 Datasheet HTML 573Page - Renesas Technology Corp H8S/2472 Datasheet HTML 574Page - Renesas Technology Corp H8S/2472 Datasheet HTML 575Page - Renesas Technology Corp H8S/2472 Datasheet HTML 576Page - Renesas Technology Corp H8S/2472 Datasheet HTML 577Page - Renesas Technology Corp H8S/2472 Datasheet HTML 578Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 574 / 1250 page
background image
Section 15 Serial Communication Interface with FIFO (SCIF)
Rev. 2.00 Aug. 20, 2008 Page 526 of 1198
REJ09B0403-0200
15.3.14
SCIF Control Register (SCIFCR)
SCIFCR controls SCIF operations, and is accessible only from the CPU.
Bit
Bit Name
Initial Value
R/W
Description
7
6
SCIFOE1
SCIFOE0
0
0
R/W
R/W
These bits enable or disable PORT output of the
SCIF. The PORT function differs according to the
combination with the SCIF bit in HICR5 of the LPC.
For details, see table 15.4.
5
0
R/W
Reserved
Do not change the initial value.
4
OUT2LOOP
0
R/W
Enables or disables interrupts during a loopback
test.
0: Interrupt enabled
1: Interrupt disabled
3
2
CKSEL1
CKSEL0
0
0
R/W
R/W
These bits select the clock (SCLK) to be input to the
baud rate generator.
00: LCLK divided by 18
01: System clock divided by 11
10: Reserved for LCLK (not selectable)
11: Reserved for system clock (not selectable)
1
SCIFRST
0
R/W
Resets the baud rate generator, FRSR, and FTSR.
0: Normal operation
1: Reset
0
REGRST
0
R/W
Resets registers (except SCIFCR) accessible from
the H8S CPU or LPC interface.
0: Normal operation
1: Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com