công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 573 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 573 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 569Page - Renesas Technology Corp H8S/2472 Datasheet HTML 570Page - Renesas Technology Corp H8S/2472 Datasheet HTML 571Page - Renesas Technology Corp H8S/2472 Datasheet HTML 572Page - Renesas Technology Corp H8S/2472 Datasheet HTML 573Page - Renesas Technology Corp H8S/2472 Datasheet HTML 574Page - Renesas Technology Corp H8S/2472 Datasheet HTML 575Page - Renesas Technology Corp H8S/2472 Datasheet HTML 576Page - Renesas Technology Corp H8S/2472 Datasheet HTML 577Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 573 / 1250 page
background image
Section 15 Serial Communication Interface with FIFO (SCIF)
Rev. 2.00 Aug. 20, 2008 Page 525 of 1198
REJ09B0403-0200
Bit
Bit Name
Initial Value
R/W
Description
1
DDSR
0
R
Delta Data Set Ready Indicator
Indicates a change in the
DSR input signal after the
DDSR bit is read.
0: No change in the
DSR input signal after FMSR
read
[Clearing condition]
FMSR read
1: A change in the
DSR input signal after FMSR
read
[Setting condition]
A change in the
DSR input signal
0
DCTS
0
R
Delta Clear to Send Indicator
Indicates a change in the
CTS input signal after the
DCTS bit is read.
0: No change in the
CTS input signal after FMSR
read
[Clearing condition]
FMSR read
1: A change in the
CTS input signal after FMSR read
[Setting condition]
A change in the
CTS input signal
15.3.13
Scratch Pad Register (FSCR)
FSCR is not used for SCIF control, but is used to temporarily store program data.
Bit
Bit Name
Initial Value
R/W
Description
7 to 0
Bit 7 to bit 0
All 0
R/W
Temporarily stores program data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com