công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 569 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 569 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 565Page - Renesas Technology Corp H8S/2472 Datasheet HTML 566Page - Renesas Technology Corp H8S/2472 Datasheet HTML 567Page - Renesas Technology Corp H8S/2472 Datasheet HTML 568Page - Renesas Technology Corp H8S/2472 Datasheet HTML 569Page - Renesas Technology Corp H8S/2472 Datasheet HTML 570Page - Renesas Technology Corp H8S/2472 Datasheet HTML 571Page - Renesas Technology Corp H8S/2472 Datasheet HTML 572Page - Renesas Technology Corp H8S/2472 Datasheet HTML 573Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 569 / 1250 page
background image
Section 15 Serial Communication Interface with FIFO (SCIF)
Rev. 2.00 Aug. 20, 2008 Page 521 of 1198
REJ09B0403-0200
Bit
Bit Name
Initial Value R/W
Description
5
THRE
1
R
FTHR Empty
Indicates that FTHR is ready to accept new data for
transmission.
• When the FIFO is enabled
0: Transmit data of one or more bytes remains in the
transmit FIFO.
[Clearing condition]
Transmit data is written to FTHR.
1: No transmit data remains in the transmit FIFO.
[Setting condition]
When the transmit FIFO becomes empty
• When the FIFO is disabled
0: Transmit data remains in FTHR.
[Clearing condition]
Transmit data is written to FTHR
1: No transmit data in FTHR
[Setting condition]
When data transfer from FTHR to FTSR is
completed
4
BI
0
R
Break Interrupt
Indicates detection of the receive data break signal.
When the FIFO is enabled, a break interrupt occurs
in any receive data in the FIFO, and this bit is set
when the receive data is in the first FIFO buffer.
Reception of the next data starts after the input
receive data becomes mark and a valid start bit is
received.
0: Break signal not detected
[Clearing condition]
FLSR read
1: Break signal detected
[Setting condition]
When input receive data stays at space (low level)
for a reception time exceeding the length of one
frame



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com