công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 565 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 565 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 561Page - Renesas Technology Corp H8S/2472 Datasheet HTML 562Page - Renesas Technology Corp H8S/2472 Datasheet HTML 563Page - Renesas Technology Corp H8S/2472 Datasheet HTML 564Page - Renesas Technology Corp H8S/2472 Datasheet HTML 565Page - Renesas Technology Corp H8S/2472 Datasheet HTML 566Page - Renesas Technology Corp H8S/2472 Datasheet HTML 567Page - Renesas Technology Corp H8S/2472 Datasheet HTML 568Page - Renesas Technology Corp H8S/2472 Datasheet HTML 569Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 565 / 1250 page
background image
Section 15 Serial Communication Interface with FIFO (SCIF)
Rev. 2.00 Aug. 20, 2008 Page 517 of 1198
REJ09B0403-0200
15.3.9
Line Control Register (FLCR)
FLCR sets formats of the transmit/receive data.
Bit
Bit Name
Initial Value
R/W
Description
7
DLAB
0
R/W
Divisor Latch Address
FDLL and FDLH are placed at the same addresses as
the FRBR/FTHR and FIER addresses. This bit selects
which register is to be accessed.
0: FRBR/FTHR and FIER access enabled
1: FDLL and FDLH access enabled
6
BREAK
0
R/W
Break Control
Generates a break by driving the serial output signal
TxDF low.
The break state is released by clearing this bit.
0: Break released
1: Break generated
5
STICK
PARITY
0
R
Stick Parity
This bit is not supported in this LSI.
This bit is always read as 0. The initial value should
not be changed.
4
EPS
0
R/W
Parity Select
Selects even or odd parity when the PEN bit is 1.
0: Odd parity
1: Even parity
3
PEN
0
R/W
Parity Enable
Selects whether to add a parity bit for data
transmission and whether to perform a parity check for
data reception.
0: No parity bit added/parity check disabled
1: Parity bit added/parity check enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com