công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 566 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 566 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 562Page - Renesas Technology Corp H8S/2472 Datasheet HTML 563Page - Renesas Technology Corp H8S/2472 Datasheet HTML 564Page - Renesas Technology Corp H8S/2472 Datasheet HTML 565Page - Renesas Technology Corp H8S/2472 Datasheet HTML 566Page - Renesas Technology Corp H8S/2472 Datasheet HTML 567Page - Renesas Technology Corp H8S/2472 Datasheet HTML 568Page - Renesas Technology Corp H8S/2472 Datasheet HTML 569Page - Renesas Technology Corp H8S/2472 Datasheet HTML 570Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 566 / 1250 page
background image
Section 15 Serial Communication Interface with FIFO (SCIF)
Rev. 2.00 Aug. 20, 2008 Page 518 of 1198
REJ09B0403-0200
Bit
Bit Name
Initial Value
R/W
Description
2
STOP
0
R/W
Stop Bit
Specifies the stop bit length for data transmission. For
data reception, only the first stop bit is checked
regardless of the setting.
0: 1 stop bit
1: 1.5 stop bits (data length: 5 bits) or 2 stop bits (data
length: 6 to 8 bits)
1
0
CLS1
CLS0
0
0
R/W
R/W
Character Length Select 0, 1
These bits specify transmit/receive character data
length.
00: Data length is 5 bits
01: Data length is 6 bits
10: Data length is 7 bits
11: Data length is 8 bits
15.3.10
Modem Control Register (FMCR)
FMCR controls output signals.
Bit
Bit Name
Initial Value
R/W
Description
7 to 5
All 0
R
Reserved
These bits are always read as 0. The initial value
should not be changed.
4
LOOP
BACK
0
R/W
Loopback Test
The transmit data output is internally connected to the
receive data input, and the transmit data output pin
(RxDF) becomes 1. The receive data input pin is
disconnected from external sources. The four modem
control input pins (
DSR, CTS, RI, and DCD) are
disconnected from external sources, and the pins are
internally connected to the four modem control output
signals (
DTR, RTS, OUT1, and OUT2), respectively.
The transmit data is received immediately in loopback
mode. Enabling/disabling of interrupts is set by the
OUT2LOOP bit in SCIFCR and FIER.
0: Loopback function disabled
1: Loopback function enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com