công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2117R bảng dữ liệu(PDF) 865 Page - Renesas Technology Corp

tên linh kiện H8S/2117R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R bảng dữ liệu(HTML) 865 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 861Page - Renesas Technology Corp H8S/2117R Datasheet HTML 862Page - Renesas Technology Corp H8S/2117R Datasheet HTML 863Page - Renesas Technology Corp H8S/2117R Datasheet HTML 864Page - Renesas Technology Corp H8S/2117R Datasheet HTML 865Page - Renesas Technology Corp H8S/2117R Datasheet HTML 866Page - Renesas Technology Corp H8S/2117R Datasheet HTML 867Page - Renesas Technology Corp H8S/2117R Datasheet HTML 868Page - Renesas Technology Corp H8S/2117R Datasheet HTML 869Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 865 / 1024 page
background image
Section 25 Clock Pulse Generator
Rev. 1.00 Apr. 28, 2008 Page 839 of 994
REJ09B0452-0100
tEXCLH
tEXCLL
tEXCLr
tEXCLf
VCC × 0.5
EXCL
Figure 25.8 Subclock Input Timing
25.4
Subclock Waveform Forming Circuit
To remove noise from the subclock input at the EXCL (ExEXCL) pin, the subclock waveform
forming circuit samples the subclock using a divided
φ clock. The sampling frequency is set by the
NESEL bit in LPWRCR.
The subclock is not sampled in watch mode.
25.5
Clock Select Circuit
The clock select circuit selects the system clock that is used in this LSI.
A clock generated by the oscillator to which the XTAL and EXTAL pins are connected is selected
as a system clock (
φ) when returning from high-speed mode, sleep mode, the reset state, or
standby mode.
In watch mode, a subclock input from the EXCL (ExEXCL) pin is selected as a system clock
when the EXCLE bit in LPWRCR is 1. At this time, on-chip peripheral modules such as WDT_1
and interrupt controller operate on the
φSUB clock. The count clock and sampling clock for each
timer are divided
φSUB clocks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com