công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2117R bảng dữ liệu(PDF) 862 Page - Renesas Technology Corp

tên linh kiện H8S/2117R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R bảng dữ liệu(HTML) 862 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 858Page - Renesas Technology Corp H8S/2117R Datasheet HTML 859Page - Renesas Technology Corp H8S/2117R Datasheet HTML 860Page - Renesas Technology Corp H8S/2117R Datasheet HTML 861Page - Renesas Technology Corp H8S/2117R Datasheet HTML 862Page - Renesas Technology Corp H8S/2117R Datasheet HTML 863Page - Renesas Technology Corp H8S/2117R Datasheet HTML 864Page - Renesas Technology Corp H8S/2117R Datasheet HTML 865Page - Renesas Technology Corp H8S/2117R Datasheet HTML 866Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 862 / 1024 page
background image
Section 25 Clock Pulse Generator
Rev. 1.00 Apr. 28, 2008 Page 836 of 994
REJ09B0452-0100
Table 25.3
External Clock Input Conditions
VCC = 3.0 to 3.6 V
Item
Symbol
Min.
Max.
Unit
Test Conditions
External clock input pulse
width low level
t
EXL
20
ns
External clock input pulse
width high level
t
EXH
20
ns
External clock rising time
t
EXr
5
ns
External clock falling time
t
EXf
5
ns
Figure 25.5
Clock pulse width low level
t
CL
0.4
0.6
t
cyc
Clock pulse width high level t
CH
0.4
0.6
t
cyc
Figure 28.4
tEXH
tEXL
tEXr
tEXf
VCC × 0.5
EXTAL
Figure 25.5 External Clock Input Timing
The oscillator and duty correction circuit can adjust the waveform of the external clock input that
is input from the EXTAL pin.
When a specified clock signal is input to the EXTAL pin, internal clock signal output is
determined after the external clock output stabilization delay time (t
DEXT) has passed. As the clock
signal output is not determined during the t
DEXT cycle, a reset signal should be set to low to
maintain the reset state. Table 25.4 shows the external clock output stabilization delay time. Figure
25.6 shows the timing of the external clock output stabilization delay time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com