công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2117R bảng dữ liệu(PDF) 859 Page - Renesas Technology Corp

tên linh kiện H8S/2117R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R bảng dữ liệu(HTML) 859 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 855Page - Renesas Technology Corp H8S/2117R Datasheet HTML 856Page - Renesas Technology Corp H8S/2117R Datasheet HTML 857Page - Renesas Technology Corp H8S/2117R Datasheet HTML 858Page - Renesas Technology Corp H8S/2117R Datasheet HTML 859Page - Renesas Technology Corp H8S/2117R Datasheet HTML 860Page - Renesas Technology Corp H8S/2117R Datasheet HTML 861Page - Renesas Technology Corp H8S/2117R Datasheet HTML 862Page - Renesas Technology Corp H8S/2117R Datasheet HTML 863Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 859 / 1024 page
background image
Section 25 Clock Pulse Generator
Rev. 1.00 Apr. 28, 2008 Page 833 of 994
REJ09B0452-0100
Section 25 Clock Pulse Generator
This LSI incorporates a clock pulse generator which generates the system clock (
φ), internal clock,
bus master clock, and subclock (
φSUB). The clock pulse generator consists of an oscillator, duty
correction circuit, system clock select circuit, subclock input circuit, and subclock waveform
forming circuit. Figure 25.1 shows a block diagram of the clock pulse generator.
EXTAL
XTAL
EXCL
(ExEXCL)
WDT_1
count clock,
CIR
sampling clock
φ
φSUB
Subclock
input circuit
Subclock
waveform
forming circuit
Oscillator
System clock
to
φ pin
Internal clock
to on-chip
peripheral modules
System
clock
select
circuit
Bus master
clock to CPU
φ
Duty
correction
circuit
Figure 25.1 Block Diagram of Clock Pulse Generator
The subclock input is controlled by software according to the EXCLE bit and the EXCLS bit in
the port control register (PTCNT0) settings in the low power control register (LPWRCR). For
details on LPWRCR, see section 26.1.2, Low-Power Control Register (LPWRCR). For details on
PTCNT0, see section 7.3.1, Port Control Register 0 (PTCNT0).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com