công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2117R bảng dữ liệu(PDF) 857 Page - Renesas Technology Corp

tên linh kiện H8S/2117R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R bảng dữ liệu(HTML) 857 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 853Page - Renesas Technology Corp H8S/2117R Datasheet HTML 854Page - Renesas Technology Corp H8S/2117R Datasheet HTML 855Page - Renesas Technology Corp H8S/2117R Datasheet HTML 856Page - Renesas Technology Corp H8S/2117R Datasheet HTML 857Page - Renesas Technology Corp H8S/2117R Datasheet HTML 858Page - Renesas Technology Corp H8S/2117R Datasheet HTML 859Page - Renesas Technology Corp H8S/2117R Datasheet HTML 860Page - Renesas Technology Corp H8S/2117R Datasheet HTML 861Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 857 / 1024 page
background image
Section 24 Flash Memory
Rev. 1.00 Apr. 28, 2008 Page 831 of 994
REJ09B0452-0100
24.13
Usage Notes
1. The initial state of the product at its shipment is in the erased state. For the product whose
revision of erasing is undefined, we recommend to execute automatic erasure for checking the
initial state (erased state) and compensating.
2. For the PROM programmer suitable for programmer mode in this LSI and its program version,
refer to the instruction manual of the socket adapter.
3. If the socket, socket adapter, or product index does not match the specifications, too much
current flows and the product may be damaged.
4. Use a PROM programmer that supports the device with 256-Kbyte on-chip flash memory and
3.3 V programming voltage. Use only the specified socket adapter.
5. Do not power off the Vcc power supply (including the removal of the chip from the PROM
programmer) during programming/erasing in which a high voltage is applied to the flash
memory. Doing so may damage the flash memory permanently. If a reset is input, the reset
must be released after the reset input period of at least 100
µs.
6. The flash memory is not accessible until FKEY is cleared after programming/erasing starts. If
the operating mode is changed and this LSI is restarted by a reset immediately after
programming/erasing has finished, secure the reset input period (period of
RES = 0) of at least
100
µs. Transition to the reset state during programming/erasing is inhibited. If a reset is input
accidentally, the reset must be released after the reset input period of at least 100
µs.
7. At powering on the Vcc power supply, fix the
RES pin to low and set the flash memory to
hardware protection state. This power on timing must also be satisfied at a power-off and
power-on caused by a power failure and other factors.
8. In on-board programming mode or programmer mode, programming of the 128-byte
programming-unit block must be performed only once. Perform programming in the state
where the programming-unit block is fully erased.
9. When the chip is to be reprogrammed with the programmer after execution of programming or
erasure in on-board programming mode, it is recommended that automatic programming is
performed after execution of automatic erasure.
10. To program the flash memory, the program data and program must be allocated to addresses
which are higher than those of the external interrupt vector table and H'FF must be written to
all the system reserved areas in the exception handling vector table.
11. If data other than H'FF (4 bytes) is written to the key code area (H'00003C to H'00003F) of the
flash memory, reading cannot be performed in programmer mode. (In this case, data is read as
H'00. Rewrite is possible after erasing the data.) For reading in programmer mode, make sure
to write H'FF to the entire key code area.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com