công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2117R bảng dữ liệu(PDF) 858 Page - Renesas Technology Corp

tên linh kiện H8S/2117R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R bảng dữ liệu(HTML) 858 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 854Page - Renesas Technology Corp H8S/2117R Datasheet HTML 855Page - Renesas Technology Corp H8S/2117R Datasheet HTML 856Page - Renesas Technology Corp H8S/2117R Datasheet HTML 857Page - Renesas Technology Corp H8S/2117R Datasheet HTML 858Page - Renesas Technology Corp H8S/2117R Datasheet HTML 859Page - Renesas Technology Corp H8S/2117R Datasheet HTML 860Page - Renesas Technology Corp H8S/2117R Datasheet HTML 861Page - Renesas Technology Corp H8S/2117R Datasheet HTML 862Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 858 / 1024 page
background image
Section 24 Flash Memory
Rev. 1.00 Apr. 28, 2008 Page 832 of 994
REJ09B0452-0100
12. If data other than H'FF is to be written to the key code area in programmer mode, a verification
error will occur unless a software countermeasure is taken for the PROM programmer and
version of program.
13. The programming program that includes the initialization routine and the erasing program that
includes the initialization routine are each 3 kbytes or less. Accordingly, when the CPU clock
frequency is 20 MHz, the download for each program takes approximately 200
µs at the
maximum.
14. A programming/erasing program for the flash memory used in a conventional F-ZTAT H8,
H8S microcomputer which does not support download of the on-chip program by setting the
SCO bit in FCCS to 1 cannot run in this LSI. Be sure to download the on-chip program to
execute programming/erasing of the flash memory in this F-ZTAT H8/H8S microcomputer.
15. Unlike a conventional F-ZTAT H8/H8S microcomputers, measures against a program crash
are not taken by WDT while programming/erasing and downloading a programming/erasing
program. When needed, measures should be taken by user. A periodic interrupt generated by
the WDT can be used as the measures, as an example. In this case, the interrupt generation
period should take into consideration time to program/erase the flash memory.
16. When downloading the programming/erasing program, do not clear the SCO bit in FCCS to 0
after immediately setting it to 1. Otherwise, download cannot be performed normally.
Immediately after executing the instruction to set the SCO bit to 1, dummy read of the FCCS
must be executed twice.
17. The contents of some registers are not saved in a programming/programming end/erasing
program. When needed, save registers in the procedure program.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com