công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2117R bảng dữ liệu(PDF) 868 Page - Renesas Technology Corp

tên linh kiện H8S/2117R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R bảng dữ liệu(HTML) 868 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 864Page - Renesas Technology Corp H8S/2117R Datasheet HTML 865Page - Renesas Technology Corp H8S/2117R Datasheet HTML 866Page - Renesas Technology Corp H8S/2117R Datasheet HTML 867Page - Renesas Technology Corp H8S/2117R Datasheet HTML 868Page - Renesas Technology Corp H8S/2117R Datasheet HTML 869Page - Renesas Technology Corp H8S/2117R Datasheet HTML 870Page - Renesas Technology Corp H8S/2117R Datasheet HTML 871Page - Renesas Technology Corp H8S/2117R Datasheet HTML 872Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 868 / 1024 page
background image
Section 26 Power-Down Modes
Rev. 1.00 Apr. 28, 2008 Page 842 of 994
REJ09B0452-0100
26.1.1
Standby Control Register (SBYCR)
SBYCR controls power-down modes.
Bit
Bit Name
Initial
Value
R/W
Description
7
SSBY
0
R/W
Software Standby
Specifies the operating mode to be entered after
executing the SLEEP instruction.
When the SLEEP instruction is executed in high-
speed mode or medium-speed mode:
0: Shifts to sleep mode
1: Shifts to software standby mode or watch mode
Note that the SSBY bit is not changed even if a mode
transition is made by an interrupt.
6
5
4
STS2
STS1
STS0
0
0
0
R/W
R/W
R/W
Standby Timer Select 2 to 0
On canceling software standby mode or watch mode,
these bits select the wait time for clock stabilization
from clock oscillation start. Select a wait time of 8 ms
(oscillation stabilization time) or more, depending on
the operating frequency. Table 26.2 shows the
relationship between the STS2 to STS0 values and
wait time.
With an external clock, an arbitrary wait time can be
selected. For normal cases, the minimum value is
recommended.
3
0
R/W
Reserved
The initial value should not be changed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com