công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2117R bảng dữ liệu(PDF) 867 Page - Renesas Technology Corp

tên linh kiện H8S/2117R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R bảng dữ liệu(HTML) 867 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 863Page - Renesas Technology Corp H8S/2117R Datasheet HTML 864Page - Renesas Technology Corp H8S/2117R Datasheet HTML 865Page - Renesas Technology Corp H8S/2117R Datasheet HTML 866Page - Renesas Technology Corp H8S/2117R Datasheet HTML 867Page - Renesas Technology Corp H8S/2117R Datasheet HTML 868Page - Renesas Technology Corp H8S/2117R Datasheet HTML 869Page - Renesas Technology Corp H8S/2117R Datasheet HTML 870Page - Renesas Technology Corp H8S/2117R Datasheet HTML 871Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 867 / 1024 page
background image
Section 26 Power-Down Modes
Rev. 1.00 Apr. 28, 2008 Page 841 of 994
REJ09B0452-0100
Section 26 Power-Down Modes
For operating modes after the reset state is cancelled, this LSI has four power-down operating
modes in which power consumption is significantly reduced. In addition, there is also module stop
mode in which reduced power consumption can be achieved by individually stopping on-chip
peripheral modules.
• Medium-speed mode
System clock frequency for the CPU operation can be selected as
φ/2, φ/4, φ/8, φ/16 or φ/32.
• Sleep mode
The CPU stops but on-chip peripheral modules continue operating.
• Watch mode
The CPU stops, but on-chip peripheral module WDT_1 and CIR continue operating.
• Software standby mode
The clock pulse generator stops, and the CPU and on-chip peripheral modules stop operating.
• Module stop mode
Independently of above operating modes, on-chip peripheral modules that are not used can be
stopped individually.
26.1
Register Descriptions
Power-down modes are controlled by the following registers. To access SBYCR, LPWRCR,
SYSCR2, MSTPCRH, and MSTPCRL the FLSHE bit in the serial timer control register (STCR)
must be cleared to 0. For details on STCR, see section 3.2.3, Serial Timer Control Register
(STCR). For details on the PSS bit in TSCR_1 (WDT_1), see TCSR_1 in section 13.3.5, Timer
Control/Status Register (TCSR).
Table 26.1
Register Configuration
Register Name
Abbreviation
R/W
Initial Value
Address
Data Bus
Width
Standby control register
SBYCR
R/W
H'00
H'FF84
8
Low power control register
LPWRCR
R/W
H'00
H'FF85
8
Module stop control register H MSTPCRH
R/W
H'3F
H'FF86
8
Module stop control register L MSTPCRL
R/W
H'FF
H'FF87
8
Module stop control register A MSTPCRA
R/W
H'FC
H'FE7E
8
Module stop control register B MSTPCRB
R/W
H'FF
H'FE7F
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com