công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2117R bảng dữ liệu(PDF) 830 Page - Renesas Technology Corp

tên linh kiện H8S/2117R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R bảng dữ liệu(HTML) 830 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 826Page - Renesas Technology Corp H8S/2117R Datasheet HTML 827Page - Renesas Technology Corp H8S/2117R Datasheet HTML 828Page - Renesas Technology Corp H8S/2117R Datasheet HTML 829Page - Renesas Technology Corp H8S/2117R Datasheet HTML 830Page - Renesas Technology Corp H8S/2117R Datasheet HTML 831Page - Renesas Technology Corp H8S/2117R Datasheet HTML 832Page - Renesas Technology Corp H8S/2117R Datasheet HTML 833Page - Renesas Technology Corp H8S/2117R Datasheet HTML 834Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 830 / 1024 page
background image
Section 24 Flash Memory
Rev. 1.00 Apr. 28, 2008 Page 804 of 994
REJ09B0452-0100
(1)
Bit-Rate-Adjustment State
The bit rate is calculated by measuring the period of transfer of a low-level byte (H'00) from the
host. The bit rate can be changed by the command for a new bit rate selection. After the bit rate
has been adjusted, the boot program enters the inquiry and selection state. The bit-rate-adjustment
sequence is shown in figure 24.19.
Host
Boot program
H'00 (30 times maximum)
H'E6 (boot response)
Measuring the
1-bit length
H'00 (completion of adjustment)
H'55
(H'FF (error))
Figure 24.19 Bit-Rate-Adjustment Sequence
(2)
Communications Protocol
After adjustment of the bit rate, the protocol for serial communications between the host and the
boot program is as shown below.
1. One-byte commands and one-byte responses
These one-byte commands and one-byte responses consist of the inquiries and the ACK for
successful completion.
2. n-byte commands or n-byte responses
These commands and responses are comprised of n bytes of data. These are selections and
responses to inquiries.
The program data size is not included under this heading because it is determined in another
command.
3. Error response
The error response is a response to inquiries. It consists of an error response and an error code
and comes two bytes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com