công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2117R bảng dữ liệu(PDF) 827 Page - Renesas Technology Corp

tên linh kiện H8S/2117R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R bảng dữ liệu(HTML) 827 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 823Page - Renesas Technology Corp H8S/2117R Datasheet HTML 824Page - Renesas Technology Corp H8S/2117R Datasheet HTML 825Page - Renesas Technology Corp H8S/2117R Datasheet HTML 826Page - Renesas Technology Corp H8S/2117R Datasheet HTML 827Page - Renesas Technology Corp H8S/2117R Datasheet HTML 828Page - Renesas Technology Corp H8S/2117R Datasheet HTML 829Page - Renesas Technology Corp H8S/2117R Datasheet HTML 830Page - Renesas Technology Corp H8S/2117R Datasheet HTML 831Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 827 / 1024 page
background image
Section 24 Flash Memory
Rev. 1.00 Apr. 28, 2008 Page 801 of 994
REJ09B0452-0100
24.10
Switching between User MAT and User Boot MAT
It is possible to switch between the user MAT and user boot MAT. However, the following
procedure is required because both of these MATs are allocated to address 0.
(Switching to the user boot MAT disables programming and erasing. Programming of the user
boot MAT should take place in boot mode or programmer mode.)
1. MAT switching by FMATS should always be executed from the on-chip RAM.
2. To ensure that switching has finished and access is made to the newly switched MAT, execute
four NOP instructions in the same on-chip RAM immediately after writing to FMATS (this
prevents access to the flash memory during MAT switching).
3. If an interrupt has occurred during switching, there is no guarantee of which memory MAT is
being accessed.
Always mask the maskable interrupts before switching between MATs. In addition, configure
the system so that NMI interrupts do not occur during MAT switching.
4. After the MATs have been switched, take care because the interrupt vector table will also have
been switched.
5. Memory sizes of the user MAT and user boot MAT are different. Do not access a user boot
MAT in a space of 8 kbytes or more. If access goes beyond the 8-kbyte space, the values read
are undefined.
<User MAT>
<On-chip RAM>
<User boot MAT>
Procedure for
switching to
user boot MAT
Procedure for
switching to
user MAT
Procedure for switching to user boot MAT:
Procedure for switching to user MAT:
1. Disable interrupts (mask).
2. Write H'AA to FMATS.
3. Execute four NOP instructions before accessing the user boot MAT.
1. Disable interrupts (mask).
2. Write a value other than H'AA to FMATS.
3. Execute four NOP instructions before accessing the user MAT.
Figure 24.17 Switching between User MAT and User Boot MAT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com