công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2117R bảng dữ liệu(PDF) 831 Page - Renesas Technology Corp

tên linh kiện H8S/2117R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R bảng dữ liệu(HTML) 831 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 827Page - Renesas Technology Corp H8S/2117R Datasheet HTML 828Page - Renesas Technology Corp H8S/2117R Datasheet HTML 829Page - Renesas Technology Corp H8S/2117R Datasheet HTML 830Page - Renesas Technology Corp H8S/2117R Datasheet HTML 831Page - Renesas Technology Corp H8S/2117R Datasheet HTML 832Page - Renesas Technology Corp H8S/2117R Datasheet HTML 833Page - Renesas Technology Corp H8S/2117R Datasheet HTML 834Page - Renesas Technology Corp H8S/2117R Datasheet HTML 835Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 831 / 1024 page
background image
Section 24 Flash Memory
Rev. 1.00 Apr. 28, 2008 Page 805 of 994
REJ09B0452-0100
4. Programming of 128 bytes
The size is not specified in commands. The size of n is indicated in response to the
programming unit inquiry.
5. Memory read response
This response consists of four bytes of data.
Command or response
Size
Data
Checksum
Error response
Error code
Command or response
Error response
n-byte Command or
n-byte response
One-byte command
or one-byte response
Address
Command
Data (n bytes)
Checksum
128-byte programming
Size
Response
Data
Checksum
Memory read
response
Figure 24.20 Communication Protocol Format
• Command (one byte): Commands including inquiries, selection, programming, erasing, and
checking
• Response (one byte): Response to an inquiry
• Size (one byte): The amount of data for transmission excluding the command, amount of data,
and checksum
• Checksum (one byte): The checksum is calculated so that the total of all values from the
command byte to the SUM byte becomes H'00.
• Data (n bytes): Detailed data of a command or response
• Error response (one byte): Error response to a command
• Error code (one byte): Type of the error
• Address (four bytes): Address for programming
• Data (n bytes): Data to be programmed (the size is indicated in the response to the
programming unit inquiry.)
• Size (four bytes): Four-byte response to a memory read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com