công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2117R bảng dữ liệu(PDF) 832 Page - Renesas Technology Corp

tên linh kiện H8S/2117R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R bảng dữ liệu(HTML) 832 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 828Page - Renesas Technology Corp H8S/2117R Datasheet HTML 829Page - Renesas Technology Corp H8S/2117R Datasheet HTML 830Page - Renesas Technology Corp H8S/2117R Datasheet HTML 831Page - Renesas Technology Corp H8S/2117R Datasheet HTML 832Page - Renesas Technology Corp H8S/2117R Datasheet HTML 833Page - Renesas Technology Corp H8S/2117R Datasheet HTML 834Page - Renesas Technology Corp H8S/2117R Datasheet HTML 835Page - Renesas Technology Corp H8S/2117R Datasheet HTML 836Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 832 / 1024 page
background image
Section 24 Flash Memory
Rev. 1.00 Apr. 28, 2008 Page 806 of 994
REJ09B0452-0100
(3)
Inquiry and Selection States
The boot program returns information from the flash memory in response to the host's inquiry
commands and sets the device code, clock mode, and bit rate in response to the host's selection
command.
Table 24.17 lists the inquiry and selection commands.
Table 24.17 Inquiry and Selection Commands
Command
Command Name
Description
H'20
Supported device inquiry
Inquiry regarding device codes
H'10
Device selection
Selection of device code
H'21
Clock mode inquiry
Inquiry regarding numbers of clock modes and
values of each mode
H'11
Clock mode selection
Indication of the selected clock mode
H'22
Division ratio inquiry
Inquiry regarding the number of frequency-divided
clock types, the number of division ratios and the
values of each division
H'23
Operating clock frequency
inquiry
Inquiry regarding the maximum and minimum
values of the main clock and peripheral clocks
H'24
User boot MAT information
inquiry
Inquiry regarding the a number of user boot MATs
and the start and last addresses of each MAT
H'25
User MAT information inquiry
Inquiry regarding the a number of user MATs and
the start and last addresses of each MAT
H'26
Block for erasing information
Inquiry
Inquiry regarding the number of blocks and the start
and last addresses of each block
H'27
Programming unit inquiry
Inquiry regarding the unit of program data
H'3F
New bit rate selection
Selection of new bit rate
H'40
Transition to
programming/erasing state
Erasing of user MATs or user boot MATs, and entry
to programming/erasing state
H'4F
Boot program status inquiry
Inquiry into the operated status of the boot program



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com