công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2117R bảng dữ liệu(PDF) 833 Page - Renesas Technology Corp

tên linh kiện H8S/2117R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R bảng dữ liệu(HTML) 833 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 829Page - Renesas Technology Corp H8S/2117R Datasheet HTML 830Page - Renesas Technology Corp H8S/2117R Datasheet HTML 831Page - Renesas Technology Corp H8S/2117R Datasheet HTML 832Page - Renesas Technology Corp H8S/2117R Datasheet HTML 833Page - Renesas Technology Corp H8S/2117R Datasheet HTML 834Page - Renesas Technology Corp H8S/2117R Datasheet HTML 835Page - Renesas Technology Corp H8S/2117R Datasheet HTML 836Page - Renesas Technology Corp H8S/2117R Datasheet HTML 837Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 833 / 1024 page
background image
Section 24 Flash Memory
Rev. 1.00 Apr. 28, 2008 Page 807 of 994
REJ09B0452-0100
The selection commands, which are device selection (H'10), clock mode selection (H'11), and new
bit rate selection (H'3F), should be sent from the host in that order. When two or more selection
commands are sent at once, the last command will be valid.
All of these commands, except for the boot program status inquiry command (H'4F), will be valid
until the boot program receives the programming/erasing transition (H'40). The host can choose
the needed commands and make inquiries while the above commands are being transmitted. H'4F
is valid even after the boot program has received H'40.
(a)
Supported Device Inquiry
The boot program will return the device codes of supported devices and the product code in
response to the supported device inquiry.
Command
H'20
• Command, H'20, (one byte): Inquiry regarding supported devices
Response
H'30
Size
Number of devices
Number of
characters
Device code
Product name
…
SUM
• Response, H'30, (one byte): Response to the supported device inquiry
• Size (one byte): Number of bytes to be transmitted, excluding the command, size, and
checksum, that is, the amount of data contributes by the number of devices, characters, device
codes and product names
• Number of devices (one byte): The number of device types supported by the boot program
• Number of characters (one byte): The number of characters in the device codes and boot
program's name
• Device code (four bytes): ASCII code of the supporting product
• Product name (n bytes): Type name of the boot program in ASCII-coded characters
• SUM (one byte): Checksum
The checksum is calculated so that the total number of all values from the command byte to
the SUM byte becomes H'00.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com