công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2117R bảng dữ liệu(PDF) 837 Page - Renesas Technology Corp

tên linh kiện H8S/2117R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R bảng dữ liệu(HTML) 837 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 833Page - Renesas Technology Corp H8S/2117R Datasheet HTML 834Page - Renesas Technology Corp H8S/2117R Datasheet HTML 835Page - Renesas Technology Corp H8S/2117R Datasheet HTML 836Page - Renesas Technology Corp H8S/2117R Datasheet HTML 837Page - Renesas Technology Corp H8S/2117R Datasheet HTML 838Page - Renesas Technology Corp H8S/2117R Datasheet HTML 839Page - Renesas Technology Corp H8S/2117R Datasheet HTML 840Page - Renesas Technology Corp H8S/2117R Datasheet HTML 841Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 837 / 1024 page
background image
Section 24 Flash Memory
Rev. 1.00 Apr. 28, 2008 Page 811 of 994
REJ09B0452-0100
(f)
Operating Clock Frequency Inquiry
The boot program will return the number of operating clock frequencies, and the maximum and
minimum values.
Command
H'23
• Command, H'23, (one byte): Inquiry regarding operating clock frequencies
Response
H'33
Size
Number of operating
clock frequencies
Minimum value of
operating clock frequency
Maximum value of operating clock
frequency
…
SUM
• Response, H'33, (one byte): Response to operating clock frequency inquiry
• Size (one byte): The number of bytes that represents the minimum values, maximum values,
and the number of frequencies.
• Number of operating clock frequencies (one byte): The number of supported operating clock
frequency types
(e.g. when there are two operating clock frequency types, which are the main and peripheral
clocks, the number of types will be H'02.)
• Minimum value of operating clock frequency (two bytes): The minimum value of the
multiplied or divided clock frequency.
The minimum and maximum values of the operating clock frequency represent the values in
MHz, valid to the hundredths place of MHz, and multiplied by 100. (e.g. when the value is
20.00 MHz, it will be 2000, which is H'07D0.)
• Maximum value (two bytes): Maximum value among the multiplied or divided clock
frequencies.
There are as many pairs of minimum and maximum values as there are operating clock
frequencies.
• SUM (one byte): Checksum



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com