công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2117R bảng dữ liệu(PDF) 840 Page - Renesas Technology Corp

tên linh kiện H8S/2117R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R bảng dữ liệu(HTML) 840 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 836Page - Renesas Technology Corp H8S/2117R Datasheet HTML 837Page - Renesas Technology Corp H8S/2117R Datasheet HTML 838Page - Renesas Technology Corp H8S/2117R Datasheet HTML 839Page - Renesas Technology Corp H8S/2117R Datasheet HTML 840Page - Renesas Technology Corp H8S/2117R Datasheet HTML 841Page - Renesas Technology Corp H8S/2117R Datasheet HTML 842Page - Renesas Technology Corp H8S/2117R Datasheet HTML 843Page - Renesas Technology Corp H8S/2117R Datasheet HTML 844Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 840 / 1024 page
background image
Section 24 Flash Memory
Rev. 1.00 Apr. 28, 2008 Page 814 of 994
REJ09B0452-0100
• Block last Address (four bytes): Last address of a block
There are as many groups of data representing the start and last addresses as there are areas.
• SUM (one byte): Checksum
(j)
Programming Unit Inquiry
The boot program will return the programming unit used to program data.
Command
H'27
• Command, H'27, (one byte): Inquiry regarding programming unit
Response
H'37
Size
Programming unit
SUM
• Response, H'37, (one byte): Response to programming unit inquiry
• Size (one byte): The number of bytes that indicate the programming unit, which is fixed to 2
• Programming unit (two bytes): A unit for programming
This is the unit for reception of programming.
• SUM (one byte): Checksum
(k)
New Bit-Rate Selection
The boot program will set a new bit rate and return the new bit rate.
This selection should be sent after sending the clock mode selection command.
Command
H'3F
Size
Bit rate
Input frequency
Number of division
ratios
Division ratio
1
Division ratio
2
SUM
• Command, H'3F, (one byte): Selection of new bit rate
• Size (one byte): The total number of bytes that represents the bit rate, input frequency, number
of division ratios, and division ratio
• Bit rate (two bytes): New bit rate
One hundredth of the value (e.g. when the value is 19200 bps, it will be 192, which is H'00C0.)
• Input frequency (two bytes): Frequency of the clock input to the boot program
This is valid to the hundredths place and represents the value in MHz multiplied by 100. (E.g.
when the value is 20.00 MHz, it will be 2000, which is H'07D0.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com