công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2117R bảng dữ liệu(PDF) 842 Page - Renesas Technology Corp

tên linh kiện H8S/2117R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R bảng dữ liệu(HTML) 842 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 838Page - Renesas Technology Corp H8S/2117R Datasheet HTML 839Page - Renesas Technology Corp H8S/2117R Datasheet HTML 840Page - Renesas Technology Corp H8S/2117R Datasheet HTML 841Page - Renesas Technology Corp H8S/2117R Datasheet HTML 842Page - Renesas Technology Corp H8S/2117R Datasheet HTML 843Page - Renesas Technology Corp H8S/2117R Datasheet HTML 844Page - Renesas Technology Corp H8S/2117R Datasheet HTML 845Page - Renesas Technology Corp H8S/2117R Datasheet HTML 846Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 842 / 1024 page
background image
Section 24 Flash Memory
Rev. 1.00 Apr. 28, 2008 Page 816 of 994
REJ09B0452-0100
(4)
Receive Data Check
The methods for checking of receive data are listed below.
1. Input frequency
The received value of the input frequency is checked to ensure that it is within the range of
minimum to maximum frequencies which matches the clock modes of the specified device.
When the value is out of this range, an input-frequency error is generated.
2. Division ratio
The received value of the division ratio is checked to ensure that it matches the clock modes of
the specified device. When the value is out of this range, a division ratio error is generated.
3. Operating frequency error
Operating frequency is calculated from the received value of the input frequency and the
division ratio. The input frequency is input to the LSI and the LSI is operated at the operating
frequency. The expression is given below.
Operating frequency = Input frequency
÷ Division ratio
The calculated operating frequency should be checked to ensure that it is within the range of
minimum to maximum frequencies which are available with the clock modes of the specified
device. When it is out of this range, an operating frequency error is generated.
4. Bit rate
To facilitate error checking, the value (n) of clock select (CKS) in the serial mode register
(SMR), and the value (N) in the bit rate register (BRR), which are found from the peripheral
operating clock frequency (
φ) and bit rate (B), are used to calculate the error rate to ensure that
it is less than 4%. If the error is more than 4%, a bit rate error is generated. The error is
calculated using the following expression:
Error (%) = {[
]
− 1} × 100
(N + 1)
× B × 64 × 2(2×n − 1)
φ × 106
When the new bit rate is selectable, the rate will be set in the register after sending ACK in
response. The host will send an ACK with the new bit rate for confirmation and the boot program
will response with that rate.
Confirmation
H'06
• Confirmation, H'06, (one byte): Confirmation of a new bit rate
Response
H'06
• Response, H'06, (one byte): Response to confirmation of a new bit rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com