công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2117R bảng dữ liệu(PDF) 824 Page - Renesas Technology Corp

tên linh kiện H8S/2117R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R bảng dữ liệu(HTML) 824 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 820Page - Renesas Technology Corp H8S/2117R Datasheet HTML 821Page - Renesas Technology Corp H8S/2117R Datasheet HTML 822Page - Renesas Technology Corp H8S/2117R Datasheet HTML 823Page - Renesas Technology Corp H8S/2117R Datasheet HTML 824Page - Renesas Technology Corp H8S/2117R Datasheet HTML 825Page - Renesas Technology Corp H8S/2117R Datasheet HTML 826Page - Renesas Technology Corp H8S/2117R Datasheet HTML 827Page - Renesas Technology Corp H8S/2117R Datasheet HTML 828Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 824 / 1024 page
background image
Section 24 Flash Memory
Rev. 1.00 Apr. 28, 2008 Page 798 of 994
REJ09B0452-0100
24.9
Protection
There are three types of protection against the flash memory programming/erasing: hardware
protection, software protection, and error protection.
24.9.1
Hardware Protection
Programming and erasure of the flash memory is forcibly disabled or suspended by hardware
protection. In this state, download of an on-chip program and initialization are possible. However,
programming or erasure of the user MAT cannot be performed even if the programming/erasing
program is initiated, and the error in programming/erasing is indicated by the FPFR parameter.
Table 24.14 Hardware Protection
Function to be Protected
Item
Description
Download
Programming/
Erasing
Reset protection
• The programming/erasing interface
registers are initialized in the reset
state (including a reset by the WDT)
and the programming/erasing
protection state is entered.
• The reset state will not be entered by
a reset using the
RES pin unless the
RES pin is held low until oscillation has
settled after a power is initially
supplied. In the case of a reset during
operation, hold the
RES pin low for the
RES pulse width given in the AC
characteristics. If a reset is input during
programming or erasure, data in the
flash memory is not guaranteed. In this
case, execute erasure and then
execute programming again.
O
O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com