công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2117R bảng dữ liệu(PDF) 826 Page - Renesas Technology Corp

tên linh kiện H8S/2117R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R bảng dữ liệu(HTML) 826 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 822Page - Renesas Technology Corp H8S/2117R Datasheet HTML 823Page - Renesas Technology Corp H8S/2117R Datasheet HTML 824Page - Renesas Technology Corp H8S/2117R Datasheet HTML 825Page - Renesas Technology Corp H8S/2117R Datasheet HTML 826Page - Renesas Technology Corp H8S/2117R Datasheet HTML 827Page - Renesas Technology Corp H8S/2117R Datasheet HTML 828Page - Renesas Technology Corp H8S/2117R Datasheet HTML 829Page - Renesas Technology Corp H8S/2117R Datasheet HTML 830Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 826 / 1024 page
background image
Section 24 Flash Memory
Rev. 1.00 Apr. 28, 2008 Page 800 of 994
REJ09B0452-0100
Error protection is canceled by a reset. Note that the reset should be released after the reset input
period of at least 100
µs has passed. Since high voltages are applied during programming/erasing
of the flash memory, some voltage may remain after the error protection state has been entered.
For this reason, it is necessary to reduce the risk of damaging the flash memory by extending the
reset input period so that the charge is released.
The state-transition diagram in figure 24.16 shows transitions to and from the error protection
state.
Reset
(hardware protection)
Programming/erasing
mode
Error-protection mode
Error-protection mode
(software standby)
Read disabled
Programming/erasing enabled
FLER = 0
Read disabled
Programming/erasing disabled
FLER = 0
Read enabled
Programming/erasing disabled
FLER = 1
Read disabled
Programming/erasing disabled
FLER = 1
RES = 0
Error occurrence
Error
occurred
(Software
standby)
RES
= 0
Software standby mode
Cancel
software standby mode
RES = 0
Programming/erasing interface
register is in its initial state.
Programming/erasing interface
register is in its initial state.
Figure 24.16 Transitions to Error Protection State



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com