công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2117R bảng dữ liệu(PDF) 825 Page - Renesas Technology Corp

tên linh kiện H8S/2117R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R bảng dữ liệu(HTML) 825 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 821Page - Renesas Technology Corp H8S/2117R Datasheet HTML 822Page - Renesas Technology Corp H8S/2117R Datasheet HTML 823Page - Renesas Technology Corp H8S/2117R Datasheet HTML 824Page - Renesas Technology Corp H8S/2117R Datasheet HTML 825Page - Renesas Technology Corp H8S/2117R Datasheet HTML 826Page - Renesas Technology Corp H8S/2117R Datasheet HTML 827Page - Renesas Technology Corp H8S/2117R Datasheet HTML 828Page - Renesas Technology Corp H8S/2117R Datasheet HTML 829Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 825 / 1024 page
background image
Section 24 Flash Memory
Rev. 1.00 Apr. 28, 2008 Page 799 of 994
REJ09B0452-0100
24.9.2
Software Protection
The software protection protects the flash memory against programming/erasing by disabling
download of the programming/erasing program and using the key code.
Table 24.15 Software Protection
Function to be Protected
Item
Description
Download
Programming/
Erasing
Protection
by SCO bit
The programming/erasing protection state is
entered when the SCO bit in FCCS is cleared to 0
to disable download of the programming/erasing
programs.
O
O
Protection
by FKEY
The programming/erasing protection state is
entered because download and
programming/erasing are disabled unless the
required key code is written in FKEY.
O
O
24.9.3
Error Protection
Error protection is a mechanism for aborting programming or erasure when a CPU runaway
occurs or operations not according to the programming/erasing procedures are detected during
programming/erasing of the flash memory. Aborting programming or erasure in such cases
prevents damage to the flash memory due to excessive programming or erasing.
If an error occurs during programming/erasing of the flash memory, the FLER bit in FCCS is set
to 1 and the error protection state is entered.
• When an interrupt request, such as NMI, occurs during programming/erasing.
• When the flash memory is read from during programming/erasing (including a vector read or
an instruction fetch).
• When a SLEEP instruction is executed (including software-standby mode) during
programming/erasing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com