công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2117R bảng dữ liệu(PDF) 724 Page - Renesas Technology Corp

tên linh kiện H8S/2117R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R bảng dữ liệu(HTML) 724 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 720Page - Renesas Technology Corp H8S/2117R Datasheet HTML 721Page - Renesas Technology Corp H8S/2117R Datasheet HTML 722Page - Renesas Technology Corp H8S/2117R Datasheet HTML 723Page - Renesas Technology Corp H8S/2117R Datasheet HTML 724Page - Renesas Technology Corp H8S/2117R Datasheet HTML 725Page - Renesas Technology Corp H8S/2117R Datasheet HTML 726Page - Renesas Technology Corp H8S/2117R Datasheet HTML 727Page - Renesas Technology Corp H8S/2117R Datasheet HTML 728Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 724 / 1024 page
background image
Section 21 FSI Interface
Rev. 1.00 Apr. 28, 2008 Page 698 of 994
REJ09B0452-0100
21.3.15
FSI LPC Command Status Register 2 (FSILSTR2)
FSILSTR2 indicates the LPC internal status.
R/W
Bit
Bit Name
Initial
Value
EC
Host
Description
7 to 5
All 0
R/W
Reserved
The initial value should not be modified.
4
FSIDWBUSY
0
R
FSI Direct Write Busy Flag
Indicates a FSI write transfer status during LPC-
SPI direct transfer.
0: FSI write transfer is completed.
1: During FSI write transfer
3
FSIDRBUSY
0
R
FSI Direct Read Busy Flag
Indicates a FSI read transfer status during LPC-
SPI direct transfer.
0: FSI read transfer is completed.
1: During FSI read transfer
2 to 0
SIZE2
SIZE1
SIZE0
0
0
1
R
R
R
Transfer Byte Count Monitor
Indicates the number of transferred bytes when
data is received in the LPC/FW memory cycles.
When the Byte/Page-Program or AAI-Program
instruction is executed from the EC CPU, the
number of transferred bytes can be confirmed by
these bits.
001: LPC/FW memory cycle (byte transfer)
010: FW memory cycle (word transfer)
100: FW memory cycle transfer (longword
transfer)
When a transfer is made in units other than
byte/word/longword, the previous value is
retained.
Note: This bit is not set to the value other than
above.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com