công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2117R bảng dữ liệu(PDF) 720 Page - Renesas Technology Corp

tên linh kiện H8S/2117R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R bảng dữ liệu(HTML) 720 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 716Page - Renesas Technology Corp H8S/2117R Datasheet HTML 717Page - Renesas Technology Corp H8S/2117R Datasheet HTML 718Page - Renesas Technology Corp H8S/2117R Datasheet HTML 719Page - Renesas Technology Corp H8S/2117R Datasheet HTML 720Page - Renesas Technology Corp H8S/2117R Datasheet HTML 721Page - Renesas Technology Corp H8S/2117R Datasheet HTML 722Page - Renesas Technology Corp H8S/2117R Datasheet HTML 723Page - Renesas Technology Corp H8S/2117R Datasheet HTML 724Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 720 / 1024 page
background image
Section 21 FSI Interface
Rev. 1.00 Apr. 28, 2008 Page 694 of 994
REJ09B0452-0100
21.3.10
FSI Access Host Base Address Registers H and L (FSIHBARH and FSIHBARL)
FSIHBARH and FSIHBARL store the upper 16 bits of the host start address which is necessary to
convert the host address to the SPI flash memory address. The input range of the host address will
be determined based on the host start address set in these registers and the memory size set in
FSISR. If a host address to be input is out of the determined range, Sync will not be returned. If
FW memory cycle is used, bit 31 to bit 28 in FSIHBARH is set as IDSEL. During FSI operation
(in the state where FSIE or FSILIE is set), do not change the setting in this register.
• FSIHBARH
R/W
Bit
Bit Name
Initial
Value
EC
Host Description
7 to 0
bit 31 to
bit 24
All 0
R/W
These bits specify bits [31:24] of the host start
address.
• FSIHBARL
R/W
Bit
Bit Name
Initial
Value
EC
Host
Description
7 to 0
bit 23 to
bit 16
All 0
R/W
These bits specify bits [23:16] of the host start
address.
The settings by bit 19 to bit 16 do not affect the
operation.
21.3.11
FSI Flash Memory Size Register (FSISR)
FSISR sets the size of SPI flash memory. The host input address range will be determined based
on the size set in this register. Note that the host input address should not be greater than the SPI
flash memory capacity. During FSI operation (in the state where FSIE or FSILIE is set), do not
change the setting in this register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com