công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2117R bảng dữ liệu(PDF) 722 Page - Renesas Technology Corp

tên linh kiện H8S/2117R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R bảng dữ liệu(HTML) 722 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 718Page - Renesas Technology Corp H8S/2117R Datasheet HTML 719Page - Renesas Technology Corp H8S/2117R Datasheet HTML 720Page - Renesas Technology Corp H8S/2117R Datasheet HTML 721Page - Renesas Technology Corp H8S/2117R Datasheet HTML 722Page - Renesas Technology Corp H8S/2117R Datasheet HTML 723Page - Renesas Technology Corp H8S/2117R Datasheet HTML 724Page - Renesas Technology Corp H8S/2117R Datasheet HTML 725Page - Renesas Technology Corp H8S/2117R Datasheet HTML 726Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 722 / 1024 page
background image
Section 21 FSI Interface
Rev. 1.00 Apr. 28, 2008 Page 696 of 994
REJ09B0452-0100
21.3.13
FSI Command Register (FSICMDR)
FSICMDR stores command data during FSI command reception. FSICMDR stores command data
when the FSICMDI bit in FSILSTR1 is cleared to 0. It does not store command data when the
FSICMDI bit is set to 1.
R/W
Bit
Bit Name
Initial
Value
EC
Host Description
7 to 0
bit 7 to bit 0 All 0
R
These bits store an FSI command.
21.3.14
FSI LPC Command Status Register 1 (FSILSTR1)
FSILSTR1 indicates the LPC internal status.
R/W
Bit
Bit Name
Initial
Value
EC
Host
Description
7
CMDBUSY
0
R/W* R
FSI Command Busy Flag
0: The FSI command execution is completed.
[Clearing condition]
• When this bit is read as 1 and then written with 0.
1: The FSI command execution is in progress.
[Setting condition]
• When an FSI command is received.
6
FSICMDI
0
R/W* R
FSI Command Interrupt Flag
0:The FSI command interrupt processing is
completed.
[Clearing condition]
• When this bit is read as 1 and then written with 0.
1: The FSI command interrupt processing is in
progress.
[Setting condition]
• When an FSI command is received.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com