công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2117R bảng dữ liệu(PDF) 721 Page - Renesas Technology Corp

tên linh kiện H8S/2117R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R bảng dữ liệu(HTML) 721 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 717Page - Renesas Technology Corp H8S/2117R Datasheet HTML 718Page - Renesas Technology Corp H8S/2117R Datasheet HTML 719Page - Renesas Technology Corp H8S/2117R Datasheet HTML 720Page - Renesas Technology Corp H8S/2117R Datasheet HTML 721Page - Renesas Technology Corp H8S/2117R Datasheet HTML 722Page - Renesas Technology Corp H8S/2117R Datasheet HTML 723Page - Renesas Technology Corp H8S/2117R Datasheet HTML 724Page - Renesas Technology Corp H8S/2117R Datasheet HTML 725Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 721 / 1024 page
background image
Section 21 FSI Interface
Rev. 1.00 Apr. 28, 2008 Page 695 of 994
REJ09B0452-0100
R/W
Bit
Bit Name
Initial
Value
EC
Host Description
7 to 2
All 0
R/W
Reserved
The initial value should not be changed.
1
0
FSIMS1
FSIMS0
0
0
R/W
R/W
These bits specify the SPI flash memory size.
00: 1 MB
01: 2 MB
10: 4 MB
11: 8 MB
21.3.12
FSI Command Host Base Address Registers H and L (CMDHBARH and
CMDHBARL)
CMDHBARH and CMDHBARL set the upper 16 bits of the host start address which is necessary
to set a command address. The lower 16 bits of the host start address range from H'F000 to
H'F00F. If a host address to be input to CMDHBARH and CMDHBARL is out of the determined
range, Sync will not be returned. If FW memory cycle is used, bit 31 to bit 28 in CMDHBARH is
set as IDSEL. During FSI operation (in the state where FSIE or FSILIE is set), do not change the
setting in this register.
• CMDHBARH
R/W
Bit
Bit Name
Initial
Value
EC
Host Description
7 to 0
bit 31 to
bit 24
All 0
R/W
These bits specify bits [31:24] of the host start
address.
• CMDHBARL
R/W
Bit
Bit Name
Initial
Value
EC
Host Description
7 to 0
bit 23 to
bit 16
All 0
R/W
These bits specify bits [23:16] of the host start
address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com