công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2117R bảng dữ liệu(PDF) 716 Page - Renesas Technology Corp

tên linh kiện H8S/2117R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R bảng dữ liệu(HTML) 716 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 712Page - Renesas Technology Corp H8S/2117R Datasheet HTML 713Page - Renesas Technology Corp H8S/2117R Datasheet HTML 714Page - Renesas Technology Corp H8S/2117R Datasheet HTML 715Page - Renesas Technology Corp H8S/2117R Datasheet HTML 716Page - Renesas Technology Corp H8S/2117R Datasheet HTML 717Page - Renesas Technology Corp H8S/2117R Datasheet HTML 718Page - Renesas Technology Corp H8S/2117R Datasheet HTML 719Page - Renesas Technology Corp H8S/2117R Datasheet HTML 720Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 716 / 1024 page
background image
Section 21 FSI Interface
Rev. 1.00 Apr. 28, 2008 Page 690 of 994
REJ09B0452-0100
R/W
Bit
Bit Name
Initial
Value
EC
Host Description
2 to 0
RBN2
RBN1
RBN0
0
0
0
R/W
Receive Byte Count 2-0
These bits specify the number of data bytes to be
received. After the FSI reception operation ends
(when FSIRXI in FSISTR is 1), the RBN value is
decremented (
−1) each time FSIRDR is read. When
all the data bytes have been received, RBN is cleared
to B'000.
000: Receives no data
001: Receives one byte of data
010: Receives two bytes of data
011: Receives three bytes of data
100: Receives four bytes of data
101 to 111: Setting prohibited
If reception of five bytes or more is specified, FSIRDR
is overwritten.
21.3.4
FSI Instruction Register (FSIINS)
FSIINS sets an instruction to be sent to the SPI flash memory during command transfer. When
LFBUSY is 1, a write to this register by the EC (this LSI) is invalid. This register should not be set
in the processing other than FSICMDI and FSIWI interrupt processing.
R/W
Bit
Bit Name
Initial
Value
EC
Host Description
7 to 0
bit 7 to bit 0 All 0
R/W
These bits store an instruction to be transmitted to the
SPI flash memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com