công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2117R bảng dữ liệu(PDF) 715 Page - Renesas Technology Corp

tên linh kiện H8S/2117R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R bảng dữ liệu(HTML) 715 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 711Page - Renesas Technology Corp H8S/2117R Datasheet HTML 712Page - Renesas Technology Corp H8S/2117R Datasheet HTML 713Page - Renesas Technology Corp H8S/2117R Datasheet HTML 714Page - Renesas Technology Corp H8S/2117R Datasheet HTML 715Page - Renesas Technology Corp H8S/2117R Datasheet HTML 716Page - Renesas Technology Corp H8S/2117R Datasheet HTML 717Page - Renesas Technology Corp H8S/2117R Datasheet HTML 718Page - Renesas Technology Corp H8S/2117R Datasheet HTML 719Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 715 / 1024 page
background image
Section 21 FSI Interface
Rev. 1.00 Apr. 28, 2008 Page 689 of 994
REJ09B0452-0100
21.3.3
FSI Byte Count Register (FSIBNR)
The FSIBNR sets the number of bytes to be transmitted or received by the FSI. This register
should not be set in the processing other than FSICMDI and FSIWI interrupt processing.
R/W
Bit
Bit Name
Initial
Value
EC
Host Description
7 to 4
TBN3
TBN2
TBN1
TBN0
0
0
0
0
R/W
Transmit Byte Count 3-0
These bits specify the number of data bytes to be
transmitted. The TBN value is decremented each time
one byte of FSI data transmission is completed. When
the FSI transmission ends, TBN is cleared to B'0000.
0000: Transmits no data
0001: Transmits one byte of data
0010: Transmits two bytes of data
0011: Transmits three bytes of data
0100: Transmits four bytes of data
0101: Transmits five bytes of data
0110: Transmits six bytes of data
0111: Transmits seven bytes of data
1000: Transmits eight bytes of data
1001 to 1111: Setting prohibited
If transmission of nine bytes or more is specified, data
in FSITDR7 is transmitted.
3
0
R/W
Reserved
The initial value should not be modified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com