công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2117R bảng dữ liệu(PDF) 714 Page - Renesas Technology Corp

tên linh kiện H8S/2117R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R bảng dữ liệu(HTML) 714 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 710Page - Renesas Technology Corp H8S/2117R Datasheet HTML 711Page - Renesas Technology Corp H8S/2117R Datasheet HTML 712Page - Renesas Technology Corp H8S/2117R Datasheet HTML 713Page - Renesas Technology Corp H8S/2117R Datasheet HTML 714Page - Renesas Technology Corp H8S/2117R Datasheet HTML 715Page - Renesas Technology Corp H8S/2117R Datasheet HTML 716Page - Renesas Technology Corp H8S/2117R Datasheet HTML 717Page - Renesas Technology Corp H8S/2117R Datasheet HTML 718Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 714 / 1024 page
background image
Section 21 FSI Interface
Rev. 1.00 Apr. 28, 2008 Page 688 of 994
REJ09B0452-0100
21.3.2
FSI Control Register 2 (FSICR2)
The FSICR2 control bits are classified into two functionalities: enabling/disabling the FSI
communications and enabling/disabling the FSI internal interrupts.
R/W
Bit
Bit Name
Initial
Value
EC
Host Description
7
TE
0
R/W
FSI Transmit Enable
Controls FSI transmission and indicates transmission
status in combination with the LFBUSY bit.
0: FSI transmission wait state
[Clearing condition]
When FSI data transmission is completed.
1: When LFBUSY = 0: Starts transmission.
When LFBUSY = 1: FSI transmission is in progress
(automatically set).
6
RE
0
R/W
FSI Reception Enable
Controls FSI reception and indicates reception status
in combination with the LFBUSY bit.
0: FSI reception wait state
[Clearing condition]
When FSI data reception is completed.
1: When LFBUSY = 0: Starts reception.
When LFBUSY = 1: FSI reception is in progress
(automatically set).
5
FSITEIE
0
R/W
FSI Transmit End Interrupt Enable
0: Disables the FSITEI interrupt request.
1: Enables the FSITEI interrupt request.
4
FSIRXIE
0
R/W
FSI Receive Interrupt Enable
0: Disables the FSIRXI interrupt request.
1: Enables the FSIRXI interrupt request.
3 to 0
All 0
R/W
Reserved
The initial value should not be modified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com