công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2117R bảng dữ liệu(PDF) 712 Page - Renesas Technology Corp

tên linh kiện H8S/2117R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R bảng dữ liệu(HTML) 712 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 708Page - Renesas Technology Corp H8S/2117R Datasheet HTML 709Page - Renesas Technology Corp H8S/2117R Datasheet HTML 710Page - Renesas Technology Corp H8S/2117R Datasheet HTML 711Page - Renesas Technology Corp H8S/2117R Datasheet HTML 712Page - Renesas Technology Corp H8S/2117R Datasheet HTML 713Page - Renesas Technology Corp H8S/2117R Datasheet HTML 714Page - Renesas Technology Corp H8S/2117R Datasheet HTML 715Page - Renesas Technology Corp H8S/2117R Datasheet HTML 716Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 712 / 1024 page
background image
Section 21 FSI Interface
Rev. 1.00 Apr. 28, 2008 Page 686 of 994
REJ09B0452-0100
21.3.1
FSI Control Register 1 (FSICR1)
The FSICR1 control bits are classified into three functionalities: resetting the FSI internal signals,
enabling/disabling FSI functions, and selecting FSI functions.
R/W
Bit
Bit Name
Initial
Value
EC
Host Description
7
SRES
0
R/W
Software Reset
Controls initialization of the FSI internal sequencer.
0: Normal state
1: Clears the internal sequencer.
Writing 1 to this bit generates a clear signal for the
sequencer in the corresponding module, resulting in
the initialization of the FSI's internal state.
6
FSIE
0
R/W
FSI Enable
0: Disables FSI operation.
1: Enables FSI operation.
The following shows the initial state of the FSI pins
when FSIE is set to 1:
FSISS: Outputs high level.
FSICK: Outputs high level or low level depending on
DPHS and CPOS.
FSIDO: Outputs high level.
FSIDI: Inputs data.
5
FRDE
0
R/W
Fast-Read Enable
0: The FSI is in normal read operation mode.
1: The FSI is in fast-read operation mode.
4
AAIE
0
R/W
AAI (Auto Address Increment) Program Enable
0: The FSI performs byte-program operation.
1: The FSI performs AAI program operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com