công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2117R bảng dữ liệu(PDF) 566 Page - Renesas Technology Corp

tên linh kiện H8S/2117R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R bảng dữ liệu(HTML) 566 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 562Page - Renesas Technology Corp H8S/2117R Datasheet HTML 563Page - Renesas Technology Corp H8S/2117R Datasheet HTML 564Page - Renesas Technology Corp H8S/2117R Datasheet HTML 565Page - Renesas Technology Corp H8S/2117R Datasheet HTML 566Page - Renesas Technology Corp H8S/2117R Datasheet HTML 567Page - Renesas Technology Corp H8S/2117R Datasheet HTML 568Page - Renesas Technology Corp H8S/2117R Datasheet HTML 569Page - Renesas Technology Corp H8S/2117R Datasheet HTML 570Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 566 / 1024 page
background image
Section 18 I
2C Bus Interface (IIC)
Rev. 1.00 Apr. 28, 2008 Page 540 of 994
REJ09B0452-0100
18.3.4
I
2C Bus Mode Register (ICMR)
ICMR sets the communication format and transfer rate. It can only be accessed when the ICE bit
in ICCR is set to 1.
Bit
Bit Name
Initial
Value
R/W
Description
7
MLS
0
R/W
MSB-First/LSB-First Select
0: MSB-first
1: LSB-first
Set this bit to 0 when the I
2C bus format is used.
6
WAIT
0
R/W
Wait Insertion Bit
This bit is valid only in master mode with the I
2C bus
format.
0: Data and the acknowledge bit are transferred
consecutively with no wait inserted.
1: After the fall of the clock for the final data bit (8
th
clock), the IRIC flag is set to 1 in ICCR, and a wait
state begins (with SCL at the low level). When the
IRIC flag is cleared to 0 in ICCR, the wait ends and
the acknowledge bit is transferred.
For details, see section 18.4.7, IRIC Setting Timing and
SCL Control.
5
4
3
CKS2
CKS1
CKS0
0
0
0
R/W
R/W
R/W
Transfer Clock Select 2 to 0
These bits are used only in master mode.
These bits select the required transfer rate, together
with the IICX2 (IIC_2), IICX1 (IIC_1), and IICX0 (IIC_0)
bits in STCR. See table 18.4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com