công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2117R bảng dữ liệu(PDF) 570 Page - Renesas Technology Corp

tên linh kiện H8S/2117R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R bảng dữ liệu(HTML) 570 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 566Page - Renesas Technology Corp H8S/2117R Datasheet HTML 567Page - Renesas Technology Corp H8S/2117R Datasheet HTML 568Page - Renesas Technology Corp H8S/2117R Datasheet HTML 569Page - Renesas Technology Corp H8S/2117R Datasheet HTML 570Page - Renesas Technology Corp H8S/2117R Datasheet HTML 571Page - Renesas Technology Corp H8S/2117R Datasheet HTML 572Page - Renesas Technology Corp H8S/2117R Datasheet HTML 573Page - Renesas Technology Corp H8S/2117R Datasheet HTML 574Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 570 / 1024 page
background image
Section 18 I
2C Bus Interface (IIC)
Rev. 1.00 Apr. 28, 2008 Page 544 of 994
REJ09B0452-0100
Bit
Bit Name
Initial
Value
R/W
Description
5
4
MST
TRS
0
0
R/W
R/W
[MST clearing conditions]
1. When 0 is written by software
2. When lost in bus contention in I
2C bus format
master mode
[MST setting conditions]
1. When 1 is written by software (for MST clearing
condition 1)
2. When 1 is written in MST after reading MST = 0 (for
MST clearing condition 2)
[TRS clearing conditions]
1. When 0 is written by software (except for TRS
setting condition 3)
2. When 0 is written in TRS after reading TRS = 1 (for
TRS setting condition 3)
3. When lost in bus contention in I
2C bus format
master mode
[TRS setting conditions]
1. When 1 is written by software (except for TRS
clearing condition 3)
2. When 1 is written in TRS after reading TRS = 0 (for
TRS clearing condition 3)
3. When 1 is received as the R/
W bit after the first
frame address matching in I
2C bus format slave
mode
3
ACKE
0
R/W
Acknowledge Bit Decision and Selection
0: The value of the acknowledge bit is ignored, and
continuous transfer is performed. The value of the
received acknowledge bit is not indicated by the
ACKB bit in ICSR, which is always 0.
1: If the received acknowledge bit is 1, continuous
transfer is halted.
Depending on the receiving device, the acknowledge
bit may be significant, in indicating completion of
processing of the received data, for instance, or may
be fixed at 1 and have no significance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com