công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2117R bảng dữ liệu(PDF) 572 Page - Renesas Technology Corp

tên linh kiện H8S/2117R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R bảng dữ liệu(HTML) 572 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 568Page - Renesas Technology Corp H8S/2117R Datasheet HTML 569Page - Renesas Technology Corp H8S/2117R Datasheet HTML 570Page - Renesas Technology Corp H8S/2117R Datasheet HTML 571Page - Renesas Technology Corp H8S/2117R Datasheet HTML 572Page - Renesas Technology Corp H8S/2117R Datasheet HTML 573Page - Renesas Technology Corp H8S/2117R Datasheet HTML 574Page - Renesas Technology Corp H8S/2117R Datasheet HTML 575Page - Renesas Technology Corp H8S/2117R Datasheet HTML 576Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 572 / 1024 page
background image
Section 18 I
2C Bus Interface (IIC)
Rev. 1.00 Apr. 28, 2008 Page 546 of 994
REJ09B0452-0100
Bit
Bit Name
Initial
Value
R/W
Description
1
IRIC
0
R/(W)* I
2C Bus Interface Interrupt Request Flag
Indicates that the I
2C bus interface has issued an
interrupt request to the CPU.
IRIC is set at different times depending on the FS bit in
SAR, the FSX bit in SARX, and the WAIT bit in ICMR.
See section 18.4.7, IRIC Setting Timing and SCL
Control. The conditions under which IRIC is set also
differ depending on the setting of the ACKE bit in
ICCR.
[Setting conditions]
All operating modes:
1. When a start condition is detected in transmit mode
and the ICDRE flag is set to 1
2. When data is transferred from ICDRT to ICDRS in
transmit mode and the ICDRE flag is set to 1
3. When data is transferred from ICDRS to ICDRR in
receive mode and the ICDRF flag is set to 1
4. If 1 is received as the acknowledge bit (when the
ACKE bit is 1 in transmit mode) at the completion of
data transmission
I
2C bus format master mode:
1. When a wait is inserted between the data and
acknowledge bit when the WAIT bit is 1
2. When the AL flag is set to 1 after bus arbitration is
lost while the ALIE bit is 1
I
2C bus format slave mode:
1. When the slave address (SVA or SVAX) matches
after the reception of the first frame following the
start condition and the AAS flag or AASX flag is set
to 1
2. When the general call address is detected after the
reception of the first frame following the start
condition and the ADZ flag is set to 1 (the FS bit in
SAR is 0)
3. When a stop condition is detected (when the STOP
or ESTP flag is set to 1) while the STOPIM bit is 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com