công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2117R bảng dữ liệu(PDF) 571 Page - Renesas Technology Corp

tên linh kiện H8S/2117R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R bảng dữ liệu(HTML) 571 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 567Page - Renesas Technology Corp H8S/2117R Datasheet HTML 568Page - Renesas Technology Corp H8S/2117R Datasheet HTML 569Page - Renesas Technology Corp H8S/2117R Datasheet HTML 570Page - Renesas Technology Corp H8S/2117R Datasheet HTML 571Page - Renesas Technology Corp H8S/2117R Datasheet HTML 572Page - Renesas Technology Corp H8S/2117R Datasheet HTML 573Page - Renesas Technology Corp H8S/2117R Datasheet HTML 574Page - Renesas Technology Corp H8S/2117R Datasheet HTML 575Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 571 / 1024 page
background image
Section 18 I
2C Bus Interface (IIC)
Rev. 1.00 Apr. 28, 2008 Page 545 of 994
REJ09B0452-0100
Bit
Bit Name
Initial
Value
R/W
Description
2
0
BBSY
SCP
0
1
R/W*
W
Bus Busy
Start Condition/Stop Condition Prohibit
In master mode:
• Writing 0 in BBSY and 0 in SCP: A stop condition is
issued
• Writing 1 in BBSY and 0 in SCP: A start condition
and a restart condition are issued
In slave mode:
• Writing to the BBSY flag is disabled.
[BBSY setting condition]
When the SDA level changes from high to low under
the condition of SCL = high, assuming that the start
condition has been issued.
[BBSY clearing condition]
When the SDA level changes from low to high under
the condition of SCL = high, assuming that the stop
condition has been issued.
To issue a start/stop condition, use the MOV
instruction.
The I
2C bus interface must be set in master transmit
mode before the issue of a start condition. Set MST to
1 and TRS to 1 before writing 1 in BBSY and 0 in SCP.
The BBSY flag can be read to check whether the I
2C
bus (SCL, SDA) is busy or free.
The SCP bit is always read as 1. If 0 is written, the data
is not stored.
Note:
* The value in BBSY flag does not change even if written.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com