công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2117R bảng dữ liệu(PDF) 562 Page - Renesas Technology Corp

tên linh kiện H8S/2117R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R bảng dữ liệu(HTML) 562 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 558Page - Renesas Technology Corp H8S/2117R Datasheet HTML 559Page - Renesas Technology Corp H8S/2117R Datasheet HTML 560Page - Renesas Technology Corp H8S/2117R Datasheet HTML 561Page - Renesas Technology Corp H8S/2117R Datasheet HTML 562Page - Renesas Technology Corp H8S/2117R Datasheet HTML 563Page - Renesas Technology Corp H8S/2117R Datasheet HTML 564Page - Renesas Technology Corp H8S/2117R Datasheet HTML 565Page - Renesas Technology Corp H8S/2117R Datasheet HTML 566Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 562 / 1024 page
background image
Section 18 I
2C Bus Interface (IIC)
Rev. 1.00 Apr. 28, 2008 Page 536 of 994
REJ09B0452-0100
18.3.1
I
2C Bus Data Register (ICDR)
ICDR is an 8-bit readable/writable register that is used as a transmit data register when
transmitting and a receive data register when receiving. ICDR is internally divided into a shift
register (ICDRS), receive buffer (ICDRR), and transmit buffer (ICDRT). Data transfers among
these three registers are performed automatically in accordance with changes in the bus state, and
they affect the status of internal flags such as ICDRE and ICDRF.
In master transmit mode with the I
2C bus format, writing transmit data to ICDR should be
performed after start condition detection. When the start condition is detected, previous write data
is ignored. In slave transmit mode, writing should be performed after the slave addresses match
and the TRS bit is automatically changed to 1.
In transmit mode (TRS = 1), transmit data can be written to ICDRT when the ICDRE flag is 1.
After the transmit data has been written to ICDRT, the ICDRE flag is cleared to 0. Then, when
ICDRS becomes empty on completion of the previous transmission, the data are automatically
transferred from ICDRT to ICDRS and the ICDRE flag is set to 1. As long as ICDRS contains
data to be transmitted or data being transmitted, data written to ICDRT are retained there.
In receive mode (TRS = 0), data is not transferred from ICDRT to ICDRS. Thus, do not write to
ICDRT when in this mode.
In receive mode (TRS = 0), data received in ICDRR can be read when the ICDRF flag is 1. After
the data has been read from ICDRR, the ICDRF flag is cleared to 0. Each time ICDRS contains
data on completion of one round of reception, the data is automatically transferred from ICDRS to
ICDRR and the ICDRF flag is set to 1. If ICDRR contains receive data that hasn’t been read out,
any further receive data is retained in ICDRS.
Since data are not transferred from ICDRS to ICDRR in transmit mode (TRS = 1), do not read
ICDRR in transmit mode (excluding the case where final receive data is read out in the
recommended operation flow of master receive mode).
If the number of bits in a frame, excluding the acknowledge bit, is less than eight, transmit data
and receive data are stored differently. Transmit data should be written justified toward the MSB
side when MLS = 0 in ICMR, and toward the LSB side when MLS = 1. Receive data bits should
be read from the LSB side when MLS = 0, and from the MSB side when MLS = 1.
ICDR can be written to and read from only when the ICE bit is set to 1 in ICCR. The initial value
of ICDR is undefined.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com