công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2112R bảng dữ liệu(PDF) 185 Page - Renesas Technology Corp

tên linh kiện H8S/2112R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  984 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112R bảng dữ liệu(HTML) 185 Page - Renesas Technology Corp

Back Button H8S/2112R Datasheet HTML 181Page - Renesas Technology Corp H8S/2112R Datasheet HTML 182Page - Renesas Technology Corp H8S/2112R Datasheet HTML 183Page - Renesas Technology Corp H8S/2112R Datasheet HTML 184Page - Renesas Technology Corp H8S/2112R Datasheet HTML 185Page - Renesas Technology Corp H8S/2112R Datasheet HTML 186Page - Renesas Technology Corp H8S/2112R Datasheet HTML 187Page - Renesas Technology Corp H8S/2112R Datasheet HTML 188Page - Renesas Technology Corp H8S/2112R Datasheet HTML 189Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 984 page
background image
Section 8 I/O Ports
Rev. 1.00 May 09, 2008 Page 159 of 954
REJ09B0462-0100
8.1.4
Pull-Up MOS Control Register (PnPCR) (n = 1 to 3, 6, 9, B to D, F, and H)
PCR is a register that controls on/off of the port input pull-up MOS.
If a bit in PCR is set to 1 while the pin is in the input state, the input pull-up MOS corresponding
to the bit in PCR is turned on. Table 8.3 shows the input pull-up MOS state. The upper two bits in
P9PCR and the upper two bits in PHPCR are reserved.
PBPCR to PDPCR, PFPCR, and PHPCR are valid only when PORTS in PTCNT2 is 1.
Bit
Bit Name
Initial Value
R/W
Description
7
Pn7PCR
0
R/W
6
Pn6PCR
0
R/W
5
Pn5PCR
0
R/W
4
Pn4PCR
0
R/W
3
Pn3PCR
0
R/W
2
Pn2PCR
0
R/W
1
Pn1PCR
0
R/W
0
Pn0PCR
0
R/W
For pins in the input state corresponding to bits in
this register that have been set to 1, the input pull-
up MOSs are turned on.
• Ports 1 to 3, 6, and 9
Table 8.3
Input Pull-Up MOS State (1)
Port
Pin State
Reset
Software Standby Mode Other
Operation
Port output
Off
Ports 1 to 3, 6,
and 9
Port input
Off
On/Off
[Legend]
Off:
The input pull-up MOS is always off.
On/Off: On when PnDDR = 0 and PnPCR = 1, otherwise off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com