công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2112R bảng dữ liệu(PDF) 465 Page - Renesas Technology Corp

tên linh kiện H8S/2112R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  984 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112R bảng dữ liệu(HTML) 465 Page - Renesas Technology Corp

Back Button H8S/2112R Datasheet HTML 461Page - Renesas Technology Corp H8S/2112R Datasheet HTML 462Page - Renesas Technology Corp H8S/2112R Datasheet HTML 463Page - Renesas Technology Corp H8S/2112R Datasheet HTML 464Page - Renesas Technology Corp H8S/2112R Datasheet HTML 465Page - Renesas Technology Corp H8S/2112R Datasheet HTML 466Page - Renesas Technology Corp H8S/2112R Datasheet HTML 467Page - Renesas Technology Corp H8S/2112R Datasheet HTML 468Page - Renesas Technology Corp H8S/2112R Datasheet HTML 469Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 465 / 984 page
background image
Section 15 CIR Interface
Rev. 1.00 May 09, 2008 Page 439 of 954
REJ09B0462-0100
• HHMAX
Bit
Bit Name
Initial
Value
R/W
Description
15
14
FLT1
FLT0
0
0
R/W
R/W
Number of Stages of Noise Canceler Circuit Select
00: The noise canceler circuit consists of one stage
01: The noise canceler circuit consists of two stages
10: The noise canceler circuit consists of three
stages
11: The noise canceler circuit consists of four stages
13
FLTE
0
R/W
Noise Canceler Circuit Enable
0: Disables the noise canceler circuit
1: Enables the noise canceler circuit
12
11
FLTCK1
FLTCK0
0
0
R/W
R/W
Division Ratio Select for Noise Canceler Circuit
Clock
Divides the frequency of the sampling clock for CIR
reception selected by BRR.
00: Not divided
01: Divided by 2
10: Divided by 4
11: Divided by 8
10
0
R/W
Reserved
The initial value should not be changed.
9 to 0
HHMAX9 to
HHMAX0
All 0
R/W
Specifies the maximum high-level period for a
header or repeat header and the maximum low-level
period for a stop.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com