công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2112R bảng dữ liệu(PDF) 468 Page - Renesas Technology Corp

tên linh kiện H8S/2112R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  984 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112R bảng dữ liệu(HTML) 468 Page - Renesas Technology Corp

Back Button H8S/2112R Datasheet HTML 464Page - Renesas Technology Corp H8S/2112R Datasheet HTML 465Page - Renesas Technology Corp H8S/2112R Datasheet HTML 466Page - Renesas Technology Corp H8S/2112R Datasheet HTML 467Page - Renesas Technology Corp H8S/2112R Datasheet HTML 468Page - Renesas Technology Corp H8S/2112R Datasheet HTML 469Page - Renesas Technology Corp H8S/2112R Datasheet HTML 470Page - Renesas Technology Corp H8S/2112R Datasheet HTML 471Page - Renesas Technology Corp H8S/2112R Datasheet HTML 472Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 468 / 984 page
background image
Section 15 CIR Interface
Rev. 1.00 May 09, 2008 Page 442 of 954
REJ09B0462-0100
15.4
Operation
The communication protocol of the NEC format is shown in figure 15.2. In the NEC format, data
consists of a header part, an address part, a command part, and a stop part. The TFM bits in CCR2
can select which data bytes to be stored in CIRRDR: four bytes of the address,
address, command,
and
command, or two bytes of the address and command. The carrier frequency is 38kHz.
Header
Address
Address
Command
Command
Stop
CIRI
Figure 15.2 NEC Format
(1) Header, Address, and Command
When a 9-ms high level and the following 4.5-ms low level are detected, they are recognized as a
header. For addresses and commands, when both of a high-level period and the following low-
level period are 0.56 ms, they are recognized as logic 0. When a high-level period is 0.56 ms and
the following low-level period is 1.78 ms, they are recognized as logic 1.
Header
Logic 1
Logic 0
A = 9.0 ms
B = 4.5 ms
C = 0.56 ms
CC
CIRI
D = 1.78 ms
A: High-level period for a header
B: Low-level period for a header
C: High-level period for logic 0/1 and low-level period for logic 0
D: Low-level period for logic 1
[Legend]
Figure 15.3 Header, Address, and Command



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com