công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2112R bảng dữ liệu(PDF) 463 Page - Renesas Technology Corp

tên linh kiện H8S/2112R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  984 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112R bảng dữ liệu(HTML) 463 Page - Renesas Technology Corp

Back Button H8S/2112R Datasheet HTML 459Page - Renesas Technology Corp H8S/2112R Datasheet HTML 460Page - Renesas Technology Corp H8S/2112R Datasheet HTML 461Page - Renesas Technology Corp H8S/2112R Datasheet HTML 462Page - Renesas Technology Corp H8S/2112R Datasheet HTML 463Page - Renesas Technology Corp H8S/2112R Datasheet HTML 464Page - Renesas Technology Corp H8S/2112R Datasheet HTML 465Page - Renesas Technology Corp H8S/2112R Datasheet HTML 466Page - Renesas Technology Corp H8S/2112R Datasheet HTML 467Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 463 / 984 page
background image
Section 15 CIR Interface
Rev. 1.00 May 09, 2008 Page 437 of 954
REJ09B0462-0100
15.3.5
Bit Rate Register (BRR)
BRR is an 8-bit register that adjusts the sampling clock signal used for CIR reception. The bit rate
for the CIR reception is determined by a combination of the setting value in BRR and the CLK1
and CLK0 bits in CCR1.
Bit
Bit Name
Initial
Value
R/W
Description
7 to 0
BRR7 to
BRR1
All 1
R/W
Sets the value of the sampling clock.
The following formula is used for calculating the bit rate, and the following table shows BRR
setting examples to obtain a target bit rate.
B = T / (N + 1)
B: Bit rate (bits/s)
T: Frequency of the reference clock (Hz) set by the CLK1 and CLK0 bits in CCR1 (
φ,
φ/2, φ/4, or φ
SUB)
N: Set value in BRR (0
≤ N ≤ 255)
Table 15.3
Setting Example of BRR
Carrier
Frequency
φ
CLK1 and
CLK0 Setting
BRR Setting
Value
Bit Rate
(Kbit/s)
Deviation from
Target Carrier
Frequency
20 MHz
φ
H'FF
78.1
−51.36%
φ/2
H'FF
39.1
−2.72%
38kHz
φ/4
H'83
37.9
0.32%
10 MHz
φ
H'FF
39.1
−2.72%
φ/2
H'83
37.9
0.32%
φ/4
H'41
37.9
0.32%
8 MHz
φ
H'D2
37.9
0.23%
φ/2
H'69
37.7
0.70%
φ/4
H'34
37.7
0.70%
φ
SUB
H'00
32.8
−2.34%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com