công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2112R bảng dữ liệu(PDF) 439 Page - Renesas Technology Corp

tên linh kiện H8S/2112R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  984 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112R bảng dữ liệu(HTML) 439 Page - Renesas Technology Corp

Back Button H8S/2112R Datasheet HTML 435Page - Renesas Technology Corp H8S/2112R Datasheet HTML 436Page - Renesas Technology Corp H8S/2112R Datasheet HTML 437Page - Renesas Technology Corp H8S/2112R Datasheet HTML 438Page - Renesas Technology Corp H8S/2112R Datasheet HTML 439Page - Renesas Technology Corp H8S/2112R Datasheet HTML 440Page - Renesas Technology Corp H8S/2112R Datasheet HTML 441Page - Renesas Technology Corp H8S/2112R Datasheet HTML 442Page - Renesas Technology Corp H8S/2112R Datasheet HTML 443Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 439 / 984 page
background image
Section 14 Serial Communication Interface (SCI)
Rev. 1.00 May 09, 2008 Page 413 of 954
REJ09B0462-0100
3. If no error signal is returned from the receiving end, the ERS bit in SSR is not set to 1. In this
case, one frame of data is determined to have been transmitted including re-transfer, and the
TEND bit in SSR is set to 1. Here, a TXI interrupt request is generated if the TIE bit in SCR is
set to 1. Writing transmit data to TDR starts transmission of the next data.
Figure 14.28 shows a sample flowchart for transmission. In transmission, the TEND and TDRE
flags in SSR are simultaneously set to 1, thus generating a TXI interrupt request when TIE in SCR
is set. If an error occurs, the SCI automatically re-transmits the same data. During re-transmission,
TEND remains 0. Therefore, the SCI automatically transmit the specified number of bytes,
including re-transmission in the case of error. However, the ERS flag is not automatically cleared;
the ERS flag must be cleared by previously setting the RIE bit to 1 to enable an ERI interrupt
request to be generated at error occurrence.
D0 D1 D2 D3 D4 D5 D6 D7 Dp
DE
Ds D0 D1 D2 D3 D4 D5 D6 D7 Dp
(DE)
Ds D0 D1 D2 D3 D4
Ds
(n + 1) th
transfer frame
Retransfer frame
nth transfer frame
TDRE
TEND
[1]
FER/ERS
Transfer from TDR to TSR
Transfer from TDR to TSR
Transfer from TDR to TSR
[2]
[3]
[3]
Figure 14.26 Data Re-transfer Operation in SCI Transmission Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com