công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2112R bảng dữ liệu(PDF) 435 Page - Renesas Technology Corp

tên linh kiện H8S/2112R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  984 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112R bảng dữ liệu(HTML) 435 Page - Renesas Technology Corp

Back Button H8S/2112R Datasheet HTML 431Page - Renesas Technology Corp H8S/2112R Datasheet HTML 432Page - Renesas Technology Corp H8S/2112R Datasheet HTML 433Page - Renesas Technology Corp H8S/2112R Datasheet HTML 434Page - Renesas Technology Corp H8S/2112R Datasheet HTML 435Page - Renesas Technology Corp H8S/2112R Datasheet HTML 436Page - Renesas Technology Corp H8S/2112R Datasheet HTML 437Page - Renesas Technology Corp H8S/2112R Datasheet HTML 438Page - Renesas Technology Corp H8S/2112R Datasheet HTML 439Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 435 / 984 page
background image
Section 14 Serial Communication Interface (SCI)
Rev. 1.00 May 09, 2008 Page 409 of 954
REJ09B0462-0100
14.7.2
Data Format (Except in Block Transfer Mode)
Figure 14.22 shows the data transfer formats in smart card interface mode.
• One frame contains 8-bit data and a parity bit in asynchronous mode.
• During transmission, at least 2 etu (elementary time unit: time required for transferring one bit)
is secured as a guard time after the end of the parity bit before the start of the next frame.
• If a parity error is detected during reception, a low error signal is output for 1 etu after 10.5 etu
has passed from the start bit.
• If an error signal is sampled during transmission, the same data is automatically re-transmitted
after two or more etu.
Ds
D0
D1
D2
D3
D4
D5
D6
D7
Dp
In normal transmission/reception
Output from the transmitting station
Ds
D0
D1
D2
D3
D4
D5
D6
D7
Dp
When a parity error is generated
Output from the transmitting station
DE
Output from
the receiving station
[Legend]
Ds:
Start bit
D0 to D7 :
Data bits
Dp:
Parity bit
DE:
Error signal
Figure 14.22 Data Formats in Normal Smart Card Interface Mode
For communication with the IC cards of the direct convention and inverse convention types,
follow the procedure below.
Ds
AZ
Z
A
Z
Z
Z
ZA
A
(Z)
(Z) state
D0
D1
D2
D3
D4
D5
D6
D7
Dp
Figure 14.23 Direct Convention (SDIR = SINV = O/E = 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com