công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2112R bảng dữ liệu(PDF) 434 Page - Renesas Technology Corp

tên linh kiện H8S/2112R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  984 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112R bảng dữ liệu(HTML) 434 Page - Renesas Technology Corp

Back Button H8S/2112R Datasheet HTML 430Page - Renesas Technology Corp H8S/2112R Datasheet HTML 431Page - Renesas Technology Corp H8S/2112R Datasheet HTML 432Page - Renesas Technology Corp H8S/2112R Datasheet HTML 433Page - Renesas Technology Corp H8S/2112R Datasheet HTML 434Page - Renesas Technology Corp H8S/2112R Datasheet HTML 435Page - Renesas Technology Corp H8S/2112R Datasheet HTML 436Page - Renesas Technology Corp H8S/2112R Datasheet HTML 437Page - Renesas Technology Corp H8S/2112R Datasheet HTML 438Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 434 / 984 page
background image
Section 14 Serial Communication Interface (SCI)
Rev. 1.00 May 09, 2008 Page 408 of 954
REJ09B0462-0100
14.7
Smart Card Interface Description
The SCI supports the IC card (smart card) interface based on the ISO/IEC 7816-3 (Identification
Card) standard as an enhanced serial communication interface function. Smart card interface mode
can be selected using the appropriate register.
14.7.1
Sample Connection
Figure 14.21 shows a sample connection between the smart card and this LSI. As in the figure,
since this LSI communicates with the IC card using a single transmission line, interconnect the
TxD and RxD pins and pull up the data transmission line to VCC using a resistor. Setting the RE
and TE bits in SCR to 1 with the IC card not connected enables closed transmission/reception
allowing self diagnosis. To supply the IC card with the clock pulses generated by the SCI, input
the SCK pin output to the CLK pin of the IC card. A reset signal can be supplied via the output
port of this LSI.
TxD
RxD
This LSI
VCC
I/O
Main unit of the device
to be connected
IC card
Data line
CLK
RST
SCK
Rx (port)
Clock line
Reset line
Figure 14.21 Pin Connection for Smart Card Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com