công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2112R bảng dữ liệu(PDF) 442 Page - Renesas Technology Corp

tên linh kiện H8S/2112R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  984 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112R bảng dữ liệu(HTML) 442 Page - Renesas Technology Corp

Back Button H8S/2112R Datasheet HTML 438Page - Renesas Technology Corp H8S/2112R Datasheet HTML 439Page - Renesas Technology Corp H8S/2112R Datasheet HTML 440Page - Renesas Technology Corp H8S/2112R Datasheet HTML 441Page - Renesas Technology Corp H8S/2112R Datasheet HTML 442Page - Renesas Technology Corp H8S/2112R Datasheet HTML 443Page - Renesas Technology Corp H8S/2112R Datasheet HTML 444Page - Renesas Technology Corp H8S/2112R Datasheet HTML 445Page - Renesas Technology Corp H8S/2112R Datasheet HTML 446Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 442 / 984 page
background image
Section 14 Serial Communication Interface (SCI)
Rev. 1.00 May 09, 2008 Page 416 of 954
REJ09B0462-0100
14.7.7
Serial Data Reception (Except in Block Transfer Mode)
Data reception in smart card interface mode is identical to that in normal serial communication
interface mode. Figure 14.29 shows the data re-transfer operation during reception.
1. If a parity error is detected in receive data, the PER bit in SSR is set to 1. Here, an ERI
interrupt request is generated if the RIE bit in SCR is set to 1. Clear the PER bit to 0 before the
next parity bit is sampled.
2. For the frame in which a parity error is detected, the RDRF bit in SSR is not set to 1.
3. If no parity error is detected, the PER bit in SSR is not set to 1. In this case, data is determined
to have been received successfully, and the RDRF bit in SSR is set to 1. Here, an RXI interrupt
request is generated if the RIE bit in SCR is set.
Figure 14.30 shows a sample flowchart for reception. In reception, setting the RIE bit to 1 allows
an RXI interrupt request to be generated when the RDRF flag is set to 1. If an error occurs during
reception, i.e., either the ORER or PER flag is set to 1, a transmit/receive error interrupt (ERI)
request is generated and the error flag must be cleared. Even if a parity error occurs and PER is set
to 1 in reception, receive data is transferred to RDR, thus allowing the data to be read.
Note:
For operations in block transfer mode, see section 14.4, Operation in Asynchronous Mode.
D0 D1 D2 D3 D4 D5 D6 D7 Dp
DE
Ds D0 D1 D2 D3 D4 D5 D6 D7 Dp
(DE)
Ds D0 D1 D2 D3 D4
Ds
(n + 1) th
transfer frame
Retransfer frame
n th transfer frame
RDRF
[1]
PER
[2]
[3]
[3]
Figure 14.29 Data Re-transfer Operation in SCI Reception Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com