công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2112R bảng dữ liệu(PDF) 402 Page - Renesas Technology Corp

tên linh kiện H8S/2112R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  984 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112R bảng dữ liệu(HTML) 402 Page - Renesas Technology Corp

Back Button H8S/2112R Datasheet HTML 398Page - Renesas Technology Corp H8S/2112R Datasheet HTML 399Page - Renesas Technology Corp H8S/2112R Datasheet HTML 400Page - Renesas Technology Corp H8S/2112R Datasheet HTML 401Page - Renesas Technology Corp H8S/2112R Datasheet HTML 402Page - Renesas Technology Corp H8S/2112R Datasheet HTML 403Page - Renesas Technology Corp H8S/2112R Datasheet HTML 404Page - Renesas Technology Corp H8S/2112R Datasheet HTML 405Page - Renesas Technology Corp H8S/2112R Datasheet HTML 406Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 402 / 984 page
background image
Section 14 Serial Communication Interface (SCI)
Rev. 1.00 May 09, 2008 Page 376 of 954
REJ09B0462-0100
14.3.8
Smart Card Mode Register (SCMR)
SCMR selects smart card interface mode and its format.
Bit
Bit Name
Initial Value
R/W
Description
7 to 4
All 1
R
Reserved
These bits are always read as 1 and cannot be
modified.
3
SDIR
0
R/W
Smart Card Data Transfer Direction
Selects the serial/parallel conversion format.
0: TDR contents are transmitted with LSB-first.
Receive data is stored as LSB first in RDR.
1: TDR contents are transmitted with MSB-first.
Receive data is stored as MSB first in RDR.
The SDIR bit is valid only when the 8-bit data
format is used for transmission/reception; when
the 7-bit data format is used, data is always
transmitted/received with LSB-first.
2
SINV
0
R/W
Smart Card Data Invert
Specifies inversion of the data logic level. The
SINV bit does not affect the logic level of the
parity bit. When the parity bit is inverted, invert the
O/
E bit in SMR.
0: TDR contents are transmitted as they are.
Receive data is stored as it is in RDR.
1: TDR contents are inverted before being
transmitted. Receive data is stored in inverted
form in RDR.
1
1
R
Reserved
This bit is always read as 1 and cannot be
modified.
0
SMIF
0
R/W
Smart Card Interface Mode Select
When this bit is set to 1, smart card interface
mode is selected.
0: Normal asynchronous or clocked synchronous
mode
1: Smart card interface mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com