công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2112R bảng dữ liệu(PDF) 403 Page - Renesas Technology Corp

tên linh kiện H8S/2112R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  984 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112R bảng dữ liệu(HTML) 403 Page - Renesas Technology Corp

Back Button H8S/2112R Datasheet HTML 399Page - Renesas Technology Corp H8S/2112R Datasheet HTML 400Page - Renesas Technology Corp H8S/2112R Datasheet HTML 401Page - Renesas Technology Corp H8S/2112R Datasheet HTML 402Page - Renesas Technology Corp H8S/2112R Datasheet HTML 403Page - Renesas Technology Corp H8S/2112R Datasheet HTML 404Page - Renesas Technology Corp H8S/2112R Datasheet HTML 405Page - Renesas Technology Corp H8S/2112R Datasheet HTML 406Page - Renesas Technology Corp H8S/2112R Datasheet HTML 407Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 403 / 984 page
background image
Section 14 Serial Communication Interface (SCI)
Rev. 1.00 May 09, 2008 Page 377 of 954
REJ09B0462-0100
14.3.9
Bit Rate Register (BRR)
BRR is an 8-bit register that adjusts the bit rate. As the SCI performs baud rate generator control
independently for each channel, different bit rates can be set for each channel. Table 14.3 shows
the relationships between the N setting in BRR and bit rate B for normal asynchronous mode and
clocked synchronous mode, and smart card interface mode. The initial value of BRR is H'FF. The
CPU can always read BRR. The CPU can write to BRR only at the initial settings; do not have the
CPU write to BRR in transmission, reception, and simultaneous data transmission and reception.
Table 14.2
Relationships between N Setting in BRR and Bit Rate B
Mode
Bit Rate
Error
Asynchronous mode
B =
64 × 2
× (N + 1)
2n – 1
φ × 106
Error (%) = {
– 1 } × 100
B × 64 × 2
× (N + 1)
2n – 1
φ × 106
Clocked synchronous mode
B =
8 × 2
× (N + 1)
2n – 1
φ × 106
Smart card interface mode
B =
S × 2
× (N + 1)
2n + 1
φ × 106
Error (%) =
B × S × 2
× (N + 1)
–1 × 100
2n + 1
φ × 106
{
}
[Legend]
B:
Bit rate (bit/s)
N:
BRR setting for baud rate generator (0
≤ N ≤ 255)
φ:
Operating frequency (MHz)
n and S:
Determined by the SMR settings shown in the following table
SMR Setting
SMR Setting
CKS1
CKS0
n
BCP1
BCP0
S
0
0
0
0
0
32
0
1
1
0
1
64
1
0
2
1
0
372
1
1
3
1
1
256
Table 14.3 shows sample N settings in BRR in normal asynchronous mode. Table 14.4 shows the
maximum bit rate settable for each frequency. Table 14.6 and 14.8 show sample N settings in
BRR in clocked synchronous mode and smart card interface mode, respectively. In smart card
interface mode, the number of basic clock cycles S in a 1-bit data transfer time can be selected.
For details, see section 14.7.4, Receive Data Sampling Timing and Reception Margin. Tables 14.5
and 14.7 show the maximum bit rates with external clock input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com