công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2112R bảng dữ liệu(PDF) 398 Page - Renesas Technology Corp

tên linh kiện H8S/2112R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  984 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112R bảng dữ liệu(HTML) 398 Page - Renesas Technology Corp

Back Button H8S/2112R Datasheet HTML 394Page - Renesas Technology Corp H8S/2112R Datasheet HTML 395Page - Renesas Technology Corp H8S/2112R Datasheet HTML 396Page - Renesas Technology Corp H8S/2112R Datasheet HTML 397Page - Renesas Technology Corp H8S/2112R Datasheet HTML 398Page - Renesas Technology Corp H8S/2112R Datasheet HTML 399Page - Renesas Technology Corp H8S/2112R Datasheet HTML 400Page - Renesas Technology Corp H8S/2112R Datasheet HTML 401Page - Renesas Technology Corp H8S/2112R Datasheet HTML 402Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 398 / 984 page
background image
Section 14 Serial Communication Interface (SCI)
Rev. 1.00 May 09, 2008 Page 372 of 954
REJ09B0462-0100
14.3.7
Serial Status Register (SSR)
SSR is a register containing status flags of the SCI and multiprocessor bits for transfer. TDRE,
RDRF, ORER, PER, and FER can only be cleared. Some bits in SSR have different functions in
normal mode and smart card interface mode.
• Bit Functions in Normal Serial Communication Interface Mode (when SMIF in SCMR = 0)
Bit
Bit Name
Initial Value
R/W
Description
7
TDRE
1
R/(W)*
Transmit Data Register Empty
Indicates whether TDR contains transmit data.
[Setting conditions]
When the TE bit in SCR is 0
When data is transferred from TDR to TSR and
TDR is ready for data write
[Clearing condition]
When 0 is written to TDRE after reading TDRE = 1
6
RDRF
0
R/(W)*
Receive Data Register Full
Indicates that receive data is stored in RDR.
[Setting condition]
When serial reception ends normally and receive
data is transferred from RSR to RDR
[Clearing condition]
When 0 is written to RDRF after reading RDRF =
1
The RDRF flag is not affected and retains its
previous value when the RE bit in SCR is cleared
to 0.
5
ORER
0
R/(W)*
Overrun Error
[Setting condition]
When the next serial reception is completed while
RDRF = 1
[Clearing condition]
When 0 is written to ORER after reading ORER =
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com