công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2112R bảng dữ liệu(PDF) 397 Page - Renesas Technology Corp

tên linh kiện H8S/2112R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  984 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112R bảng dữ liệu(HTML) 397 Page - Renesas Technology Corp

Back Button H8S/2112R Datasheet HTML 393Page - Renesas Technology Corp H8S/2112R Datasheet HTML 394Page - Renesas Technology Corp H8S/2112R Datasheet HTML 395Page - Renesas Technology Corp H8S/2112R Datasheet HTML 396Page - Renesas Technology Corp H8S/2112R Datasheet HTML 397Page - Renesas Technology Corp H8S/2112R Datasheet HTML 398Page - Renesas Technology Corp H8S/2112R Datasheet HTML 399Page - Renesas Technology Corp H8S/2112R Datasheet HTML 400Page - Renesas Technology Corp H8S/2112R Datasheet HTML 401Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 397 / 984 page
background image
Section 14 Serial Communication Interface (SCI)
Rev. 1.00 May 09, 2008 Page 371 of 954
REJ09B0462-0100
• Bit Functions in Smart Card Interface Mode (when SMIF in SCMR = 1)
Bit
Bit Name
Initial Value
R/W
Description
7
TIE
0
R/W
Transmit Interrupt Enable
When this bit is set to 1,a TXI interrupt request is
enabled.
6
RIE
0
R/W
Receive Interrupt Enable
When this bit is set to 1, RXI and ERI interrupt
requests are enabled.
5
TE
0
R/W
Transmit Enable
When this bit is set to 1, transmission is enabled.
4
RE
0
R/W
Receive Enable
When this bit is set to 1, reception is enabled.
3
MPIE
0
R/W
Multiprocessor Interrupt Enable (enabled only
when the MP bit in SMR is 1 in asynchronous
mode)
Write 0 to this bit in smart card interface mode.
2
TEIE
0
R/W
Transmit End Interrupt Enable
Write 0 to this bit in smart card interface mode.
1
0
CKE1
CKE0
0
0
R/W
R/W
Clock Enable 1 and 0
Controls the clock output from the SCK pin. In
GSM mode, clock output can be dynamically
switched. For details, see section 14.7.8, Clock
Output Control.
• When GM in SMR = 0
00: Output disabled (SCK pin functions as I/O port.)
01: Clock output
1x: Reserved
• When GM in SMR = 1
00: Output fixed to low
01: Clock output
10: Output fixed to high
11: Clock output
[Legend]
x:
Don't care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com