| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S2245 bảng dữ liệu(PDF) 331 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S2245 bảng dữ liệu(HTML) 331 Page - Renesas Technology Corp |
|
331 / 818 page ![]() Section 9 16-Bit Timer Pulse Unit (TPU) Rev.3.00 Mar. 26, 2007 Page 289 of 772 REJ09B0355-0300 9.1.2 Block Diagram Figure 9.1 shows a block diagram of the TPU. Clock input φ/1 φ/4 φ/16 φ/64 φ/256 φ/1024 TCLKA TCLKB TCLKC TCLKD Input/output pins TIOCA0 TIOCB0 TIOCC0 TIOCD0 TIOCA1 TIOCB1 TIOCA2 TIOCB2 Interrupt request signals Channel 0: Channel 1: Channel 2: Internal data bus A/D conversion start request signal TGI0A TGI0B TGI0C TGI0D TCI0V TGI1A TGI1B TCI1V TCI1U TGI2A TGI2B TCI2V TCI2U Internal clock: External clock: Channel 0: Channel 1: Channel 2: Legend: TSTR: Timer start register TSYR: Timer synchro register TCR: Timer control register TMDR: Timer mode register TIOR (H, L): Timer I/O control registers (H, L) TIER: Timer interrupt enable register TSR: Timer status register TGR (A, B, C, D): Timer general registers (A, B, C, D) TCNT: Timer counter Figure 9.1 Block Diagram of TPU |