| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S2245 bảng dữ liệu(PDF) 230 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S2245 bảng dữ liệu(HTML) 230 Page - Renesas Technology Corp |
|
230 / 818 page ![]() Section 7 Data Transfer Controller Rev.3.00 Mar. 26, 2007 Page 188 of 772 REJ09B0355-0300 Figure 7.2 shows a flowchart of DTC operation. Start Next transfer Read DTC vector Read register information Data transfer Write register information Clear an activation flag Note: * For details on interrupt handling, see the sections dealing with the individual peripheral modules. CHNE = 1? Transfer counter = 0 or DISEL = 1? No No Yes Yes Clear DTCER Interrupt exception handling End * Figure 7.2 Flowchart of DTC Operation The DTC transfer mode can be normal mode, repeat mode, or block transfer mode. The 24-bit SAR designates the DTC transfer source address and the 24-bit DAR designates the transfer destination address. After each transfer, SAR and DAR are independently incremented, decremented, or left fixed. |